0805HT-R10TGLC
AI

The part number **0805HT-R10TGLC** refers to a high-frequency, wire-wound surface mount (SMD) inductor, typically manufactured by **Coilcraft**. These components are designed for high-performance RF (Radio Frequency) circuits.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0805** | Case Size | 0.08 x 0.05 inches (2.01 x 1.27 mm) |
| **HT** | Series | High Temperature / High Q Wire-wound |
| **R10** | Inductance Value | 0.10 µH (or 100 nH) |
| **T** | Tolerance | ±10% (Commonly; verify with datasheet) |
| **G** | Termination | Gold over Nickel over Moly-Manganese |
| **L** | Packaging | Tape and Reel (Standard) |
| **C** | Testing/Grade | Commercial / Standard testing |
---
### 2. Technical Specifications
This inductor is built using a ceramic core with a wire winding, which provides superior performance compared to multilayer chip inductors.
* **Inductance:** 100 nH (at 250 MHz)
* **Quality Factor (Q):** High Q (typically > 60 at 500 MHz), which reduces signal loss.
* **Self-Resonant Frequency (SRF):** Typically around 1200 MHz (1.2 GHz).
* **DCR (DC Resistance):** Low resistance to minimize power dissipation.
* **Maximum Current:** Capable of handling moderate DC currents (approx. 400mA - 600mA depending on specific rev).
---
### 3. Key Features and Applications
#### Features
* **Wire-wound Construction:** Ensures very tight tolerances and high stability across temperature ranges.
* **High Q Factor:** Essential for sharp filter characteristics and low insertion loss in RF paths.
* **Compact 0805 Footprint:** Standard industry size for automated PCB assembly.
#### Applications
* **RF Tuning:** Used in resonant circuits for oscillators.
* **Impedance Matching:** Matching antennas to transceivers in wireless devices.
* **Filtering:** Low-pass, high-pass, or band-pass filters for Wi-Fi, Bluetooth, and cellular bands.
* **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs.
---
### 4. Comparisons
| Feature | Wire-wound (0805HT) | Multilayer Inductor |
| :--- | :--- | :--- |
| **Efficiency (Q)** | Very High | Moderate/Low |
| **Current Handling** | High | Low |
| **Cost** | Higher | Lower |
| **SRF** | High | Moderate |
---
- ⤷
What is the difference between the 'HT' and 'HQ' series in Coilcraft inductors?
- ⤷ How does the gold termination (G) affect the soldering process?
- ⤷ Can this inductor be used in automotive-grade applications?