công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 065LEDC

  • AI
    The **065LEDC** is a specific identification code generally associated with **Surface Mount Device (SMD) Power Inductors**, most notably those manufactured by companies like *Sumida* or generic electronic component vendors. Below is a breakdown of the electronic characteristics, structural parts, and specifications for this component. --- ## 1. Technical Specifications The "065" in the part number typically refers to the physical dimensions (approximately 6.0mm x 6.0mm x 5.0mm), while the "LEDC" suffix denotes the series type (low-profile, shielded, or specific core material). | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Shielded SMD Power Inductor | | **Dimensions** | ~6.7 x 6.7 x 5.0 mm | | **Inductance Range** | 1.0µH to 1000µH (varies by sub-model) | | **Tolerance** | ±20% (M) or ±30% (N) | | **Core Material** | Ferrite | | **Operating Temp** | -40°C to +105°C | --- ## 2. Internal Electronic Parts An inductor like the 065LEDC is composed of three primary functional elements: ### A. The Ferrite Drum Core * **Function:** This is the "heart" of the inductor. The ferrite material concentrates the magnetic field, allowing for higher inductance values in a small footprint. * **Material:** Usually a Nickel-Zinc (Ni-Zn) or Manganese-Zinc (Mn-Zn) ferrite. ### B. Copper Winding (Enamelled Wire) * **Function:** Conducts the electrical current. The number of turns around the core determines the total inductance ($\text{L}$). * **Property:** High-purity copper is used to minimize **DCR** (Direct Current Resistance), which reduces heat loss ($I^2R$). ### C. Magnetic Shield * **Function:** The "LEDC" series is typically **shielded**. A magnetic epoxy or a ferrite sleeve surrounds the winding. * **Benefit:** Prevents Electromagnetic Interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. --- ## 3. Key Performance Metrics When using this part in a circuit (such as a DC-DC converter), engineers look at these three values: 1. **DCR (DC Resistance):** The internal resistance of the copper wire. Lower is better for efficiency. 2. **Isat (Saturation Current):** The current level at which the inductance drops (usually by 30%) because the core cannot hold more magnetic flux. 3. **Irms (Rise Current):** The continuous current that causes the component's temperature to rise by $40^\circ\text{C}$. --- ## 4. Common Applications * **LED Drivers:** Used to smooth current for high-brightness LEDs. * **DC-DC Converters:** Buck, Boost, or Buck-Boost power supplies in consumer electronics. * **Filtering:** Reducing noise in power lines for laptops, monitors, and tablets. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 065LEDC-100M variant?
    • ⤷ How does magnetic shielding affect the footprint of an SMD inductor?
    • ⤷ Can this component be used in high-frequency switching power supplies above 1MHz?