AI

The part number **0624CDMCCDS-R15MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida**. These components are widely used in DC-DC converters for laptops, servers, and automotive electronics.
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0624** | Dimensions | Approx. 6.0mm x 6.0mm x 2.4mm |
| **CDMC** | Series Type | Surface Mount (SMD) Power Inductor |
| **CDS** | Construction | Shielded, metal compound powder core |
| **R15** | Inductance Value | **0.15 µH** (R denotes decimal point) |
| **M** | Tolerance | ±20% |
| **C** | Packaging/Type | Specific manufacturer internal code |
---
### 2. Key Technical Specifications
Based on the standard datasheet for the 0624CDMC series:
* **Inductance:** 0.15 µH
* **DC Resistance (DCR):** Extremely low (typically < 2.5 mΩ), which minimizes power loss through heat.
* **Saturation Current (Isat):** Very high (often > 25A), allowing it to maintain inductance under heavy loads.
* **Temperature Range:** Generally rated for -40°C to +125°C.
* **Construction:** Magnetic metal powder shielding, which offers low acoustic noise and low leakage flux.
---
### 3. Applications and Features
This specific inductor is designed for high-efficiency power management:
* **High Power Density:** The 0.15 µH value is very low, suggesting it is used in high-frequency switching regulators where rapid response to load changes is required.
* **Low Profile:** The "24" (2.4mm height) makes it suitable for slim electronic devices like ultrabooks or tablets.
* **Shielded Design:** The metal compound structure reduces Electromagnetic Interference (EMI), preventing the inductor from interfering with nearby sensitive components.
---
### 4. Implementation Example
In a typical circuit design, this inductor would be placed in the output stage of a Buck Converter:
```mermaid
graph LR
A[Input Voltage] --> B[Switching MOSFET]
B --> C{0624CDMCCDS-R15MC}
C --> D[Output Capacitor]
D --> E[Load / CPU]
```
---
- ⤷What is the difference between Isat and Irms current ratings for this inductor?
- ⤷ Can this inductor be used in automotive AEC-Q200 applications?
- ⤷ What are the recommended alternatives if this specific part is out of stock?