0624CDMCCDS-R10MC
AI

The part number **0624CDMCCDS-R10MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida**. These components are widely used in DC-DC converters for laptops, servers, and automotive electronics due to their high efficiency and compact size.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0624** | Size Code | Dimensions: approx. 6.0 x 6.0 mm (Footprint) x 2.4 mm (Height) |
| **CDMC** | Series | Indicates a Power Inductor with a metal composite core |
| **CDS** | Construction | Standard shielded construction for low EMI |
| **R10** | Inductance | **0.10 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** inductance tolerance |
| **C** | Packaging/Custom | Usually refers to Taping/Reel packaging |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer batch, the typical specifications for this 0.10µH inductor are:
* **Inductance:** 0.10 µH
* **DC Resistance (DCR):** Extremely low (typically < 2.0 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** Very high (often > 25A), meaning the inductance stays stable even under heavy load.
* **Operating Temperature:** Typically -40°C to +125°C.
* **Core Material:** Metal powder (Iron powder/Composite), which offers "soft saturation" characteristics.
---
### 3. Key Features & Benefits
* **Magnetic Shielding:** The molded metal powder construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding circuits.
* **High Current Density:** Capable of handling significant amperage relative to its small surface-mount footprint.
* **Low Buzz Noise:** The molded construction minimizes acoustic noise caused by magnetostriction.
---
### 4. Common Applications
This specific part is designed for high-frequency switching environments:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
2. **Point of Load (POL) Converters:** Distributed power systems on motherboards.
3. **Battery Powered Devices:** Where high efficiency and low heat generation are critical.
- ⤷
What are the alternatives to metal composite inductors for high-current applications?
- ⤷ How does the 2.4mm height impact the thermal performance of this inductor?
- ⤷ Can you explain the difference between Saturation Current and Rated Current for this part?