0618CDMCCDS-R10MC
AI

The part number **0618CDMCCDS-R10MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida** (CDMC series). These components are essential in modern electronics for voltage regulation and noise filtering.
---
### 1. Component Specifications
Below is a breakdown of the technical characteristics typically associated with this part number:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (R10) |
| **Tolerance** | ±20% (M) |
| **Case Size** | 0618 (Approx. 7.2 x 6.6 mm) |
| **Height** | 1.8 mm (Low Profile) |
| **Core Material** | Metal Compound (Carbonyl Powder) |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Part Number Decoder
Understanding the nomenclature helps in identifying variants within the same family:
* **0618**: Represents the physical dimensions (Length/Width approx. 6.0-7.0mm, Height 1.8mm).
* **CDMC**: The series designation (Metal Composite Power Inductor).
* **R10**: The inductance value. "R" acts as a decimal point, so R10 = **0.10 µH**.
* **M**: The tolerance code. M = **±20%**.
* **C**: Internal manufacturing/packaging code.
---
### 3. Key Features & Applications
#### Features
* **High Saturation Current:** Metal composite cores handle high peak currents without sudden drops in inductance.
* **Low DC Resistance (DCR):** Minimizes power loss and heat generation.
* **Low Acoustic Noise:** The molded construction reduces buzzing sounds caused by magnetostriction.
* **Shielded Construction:** Minimizes Electromagnetic Interference (EMI) with surrounding components.
#### Common Applications
* **DC/DC Converters:** Used in point-of-load (POL) power supplies.
* **Computing:** CPU/GPU voltage regulator modules (VRMs) in laptops and tablets.
* **Communication:** High-speed routers and base stations.
* **Consumer Electronics:** Ultra-thin devices where vertical space is limited.
---
### 4. Comparison with Standard Inductors
Compared to traditional ferrite drum core inductors, the **CDMC series** offers:
1. **Soft Saturation:** It loses inductance gradually as current increases, rather than "crashing" abruptly.
2. **Higher Energy Density:** More power handling in a smaller footprint.
- ⤷
What is the maximum saturation current (Isat) for the 0618CDMCCDS-R10MC?
- ⤷ How does the metal composite core differ from a standard ferrite core?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this inductor?