0603CS-R33X_L
AI

The **0603CS-R33X_L** is a specific part number for a surface-mount (SMD) inductor, typically manufactured by **Coilcraft**. It belongs to the 0603CS series, which are high-frequency ceramic chip inductors known for their high Q-factors.
### 1. Part Number Breakdown
The nomenclature reveals the core specifications of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) |
| **CS** | Series Type | Ceramic chip inductor (Wire-wound) |
| **R33** | Inductance Value | **330 nH** (R denotes the decimal point in µH) |
| **X** | Tolerance | Typically ±5% (J) or ±10% (K) depending on datasheet rev |
| **_L** | Termination/Packing | Usually indicates lead-free (RoHS) and packaging style |
---
### 2. Key Technical Specifications
Based on the standard 0603CS series datasheet, here are the typical electrical characteristics for the **R33** (330 nH) variant:
* **Inductance:** 330 nH
* **Tolerance:** ±5% (standard for this series)
* **Quality Factor (Q):** Minimum 35 at 100 MHz (High Q ensures low energy loss)
* **SRF (Self-Resonant Frequency):** ~850 MHz (The limit at which it stops acting as an inductor)
* **DCR (DC Resistance):** ~1.05 Ohms (The internal resistance of the wire)
* **Irms (Maximum Current):** ~210 mA
---
### 3. Physical Construction
Unlike multilayer inductors, the **0603CS** series uses **Wire-wound technology** on a ceramic core:
* **Ceramic Core:** Provides excellent thermal stability and a high self-resonant frequency.
* **Wire-wound:** A tiny copper wire is wound around the core, offering much lower DC resistance and higher current handling than film or multilayer types.
* **Encapsulation:** Usually features a transparent "hat" or coating on top to allow for vacuum pickup by automated assembly machines.
---
### 4. Common Applications
Due to its high Q and high frequency performance, this part is commonly used in:
1. **RF Matching Circuits:** Impedance matching for antennas in cellular or Wi-Fi modules.
2. **Filter Networks:** Used in band-pass or low-pass filters for signal processing.
3. **VCOs:** Voltage Controlled Oscillators where stable inductance is critical.
4. **Bluetooth/Zigbee:** Small-form factor wireless communication devices.
- ⤷
What is the difference between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the Self-Resonant Frequency (SRF) affect the choice of an inductor?
- ⤷ Can this inductor be used in high-power power supply applications?