công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603CS-R33XGRW

  • AI
    The part number **0603CS-R33XGRW** refers to a high-frequency, wire-wound surface mount (SMD) chip inductor manufactured by **Coilcraft**. This specific series is renowned for its high quality factor (Q) and tight tolerances in RF applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | 0603CS | Ceramic core, wire-wound inductor (0603 imperial size) | | **Inductance** | R33 | 0.33 µH (or 330 nH) | | **Tolerance** | G | ±2% | | **Termination** | R | RoHS compliant matte tin over nickel over silver-platinum-glass frit | | **Packaging** | W | 7″ machine-ready plastic reel | --- ### 2. Technical Specifications The "CS" series uses a ceramic core rather than a ferrite core, which allows for high-frequency performance and excellent stability. | Property | Value | | :--- | :--- | | **Inductance** | 330 nH | | **Tolerance** | ±2% | | **Quality Factor (Q) Min** | 45 @ 100 MHz | | **Self Resonant Frequency (SRF) Typ** | 950 MHz | | **DC Resistance (DCR) Max** | 1.05 Ohms | | **Isat (DC Current Rating)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features * **Wire-Wound Construction:** Provides significantly higher Q factors and lower DC resistance compared to multilayer or thick-film inductors. * **High Resonance:** The high SRF makes it suitable for high-frequency filtering and matching circuits. * **Tight Tolerance:** The "G" rating (2%) is critical for precision RF tuning where frequency shifts must be minimized. * **Ceramic Core:** Provides exceptional thermal stability and prevents magnetic saturation. --- ### 4. Common Applications These inductors are typically found in RF and wireless communication hardware: 1. **Impedance Matching:** Used in the front-end of GPS, Bluetooth, and Wi-Fi modules. 2. **Filter Networks:** High-pass, low-pass, and band-pass filters for signal integrity. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. 4. **Mobile Infrastructure:** Base stations and repeater signal processing. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect RF circuit performance?
    • ⤷ What are the physical dimensions of an 0603 metric vs imperial package?