công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603CS-R25XJRU

  • AI
    The part number **0603CS-R25XJRU** identifies a specific high-frequency ceramic chip inductor, typically manufactured by **Coilcraft**. This component is part of their "CS" series, designed for RF (Radio Frequency) applications. --- ## 1. Part Number Breakdown To understand the technical specifications, we can decode the alphanumeric string: | Segment | Value | Description | | :--- | :--- | :--- | | **0603** | Size Code | Dimensions of 0.06 x 0.03 inches (1.6 x 0.8 mm). | | **CS** | Series | Ceramic core chip inductor (high Q, high SRF). | | **R25** | Inductance | **250 nH**. (R = decimal point; value in $\mu H$). | | **X** | Tolerance | **±5%** (Standard tolerance for this series). | | **J** | Wrap Material | Silver-palladium-platinum-glass frit (RoHS compliant). | | **R** | Termination | Matte tin over nickel over silver-platinum-glass frit. | | **U** | Packaging | 7-inch plastic tape and reel. | --- ## 2. Key Technical Specifications Based on the datasheet for the Coilcraft 0603CS series, here are the electrical characteristics for the **R25 (250 nH)** variant: | Property | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 250 nH | Measured at 100 MHz. | | **Quality Factor (Q)** | 38 (Min) | High Q indicates low energy loss. | | **SRF (Self-Resonant Freq)** | 1100 MHz | Frequency where it stops acting as an inductor. | | **DCR (DC Resistance)** | 1.15 $\Omega$ (Max) | Resistance of the internal wire. | | **Irms (Rated Current)** | 300 mA | Maximum continuous current. | | **Core Material** | Ceramic | Non-magnetic; offers thermal stability. | --- ## 3. Applications and Usage Because this is a **Ceramic Core** inductor (as opposed to ferrite), it is optimized for high-frequency performance where stability and low loss are critical. * **RF Tuning:** Used in matching circuits for antennas. * **Filters:** Integrated into high-pass, low-pass, and band-pass filters. * **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) due to high Q factors. * **Wireless Communication:** Common in Bluetooth, Wi-Fi, and LTE modules. --- ## 4. Footprint and Soldering The **0603** package (Metric 1608) is a standard surface-mount (SMD) size. ```python # Approximate Physical Dimensions (mm) Length = 1.60 Width = 0.80 Height = 0.91 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit design?
    • ⤷ Can I substitute a 0603CS with a different brand if the specs match?