công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603CS-R18X_L_

  • AI
    The part number **0603CS-R18X_L_** refers to a high-frequency, wire-wound chip inductor manufactured by **Coilcraft**. These components are widely used in RF (Radio Frequency) applications due to their high precision and performance. --- ### 1. Part Number Breakdown The nomenclature provides specific details about the component's physical and electrical characteristics: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | EIA 0603 (1.6 x 0.8 mm) | | **CS** | Series | Ceramic core, wire-wound inductor | | **R18** | Inductance | **180 nH** (R denotes the decimal point in µH) | | **X** | Tolerance | Typically ±5% (standard for this series) | | **L** | Termination | Silver-palladium-platinum-glass frit (RoHS compliant) | --- ### 2. Key Technical Specifications Based on the Coilcraft 0603CS series datasheet, the "R18" variant typically features the following parameters: * **Inductance:** 180 nH * **Quality Factor (Q):** High Q (typically ~25 at 100 MHz), essential for low signal loss. * **Self-Resonant Frequency (SRF):** Approximately 1150 MHz. * **DC Resistance (DCR):** Max 1.25 Ohms. * **Current Rating (Irms):** Approximately 240 mA. * **Operating Temperature:** -40°C to +125°C. --- ### 3. Construction and Features * **Wire-Wound Technology:** Unlike multilayer inductors, these use a wire coiled around a ceramic core. This results in much higher **Q factors** and better current handling. * **Ceramic Core:** Provides excellent thermal stability and very low parasitic capacitance. * **Small Footprint:** The 0603 size is standard for high-density PCB designs in mobile and wireless devices. --- ### 4. Common Applications These inductors are primarily found in high-frequency communication circuits: 1. **Impedance Matching:** Used in antenna circuits to match the impedance of the power amplifier. 2. **Filter Networks:** Employed in Low Pass (LPF) and Band Pass (BPF) filters for signal conditioning. 3. **VCOs:** Voltage Controlled Oscillators for frequency stability. 4. **Bluetooth/Wi-Fi Modules:** For RF signal tuning and noise suppression.
    ✨ Follow-up Questions
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF circuits?
    • ⤷ What is the significance of the Self-Resonant Frequency (SRF) for this part?
    • ⤷ Are there alternative tolerance ratings available for the 0603CS series?