công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603CS-R15XJRW

  • AI
    The part number **0603CS-R15XJRW** refers to a high-frequency, wire-wound ceramic core chip inductor manufactured by **Coilcraft**. This specific series is widely used in RF (Radio Frequency) circuits due to its high Q-factor and stability. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Value | Meaning | | :--- | :--- | :--- | | **0603** | Size | EIA 0603 package (1.6 x 0.8 mm) | | **CS** | Series | Ceramic core, wire-wound inductor | | **R15** | Inductance | 150 nH (R denotes decimal point in $\mu$H) | | **X** | Tolerance | $\pm$5% (standard for this series) | | **J** | Termination | Silver-palladium-platinum-glass frit | | **R** | Packaging | 7″ machine-ready reel | | **W** | Environmental | RoHS compliant | --- ### 2. Key Technical Specifications Based on the Coilcraft 0603CS series datasheet, the **R15** variant has the following electrical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 150 nH @ 100 MHz | | **Quality Factor (Q) Min** | 28 @ 100 MHz | | **SRF (Self-Resonant Frequency) typ** | 990 MHz | | **DCR (Direct Current Resistance) max** | 0.920 Ohms | | **Irms (Maximum DC Current)** | 300 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction The **0603CS** series is distinct because of its **wire-wound** construction over a **ceramic core**: * **Ceramic Core:** Unlike ferrite cores, ceramic does not saturate, ensuring inductance remains constant regardless of the DC current applied. * **Wire-Wound:** Fine copper wire is wrapped around the core. This design offers significantly lower DC resistance and higher Q-factors compared to multilayer or thick-film chip inductors. * **Encapsulation:** The top is usually coated with a transparent epoxy or "cap" to allow for vacuum pickup during automated PCB assembly. --- ### 4. Typical Applications Because of its high SRF and Q-factor, this part is ideal for: * **RF Tuning:** Matching circuits for antennas in Wi-Fi or Bluetooth modules. * **Filter Networks:** Used in band-pass or high-pass filters. * **Choke/Isolation:** Decoupling high-frequency noise in power lines for RF amplifiers. ---
    ✨ Follow-up Questions
    • ⤷ How does the wire-wound construction compare to multilayer inductors in terms of performance?
    • ⤷ What happens to the performance of this inductor if the operating frequency exceeds the SRF?
    • ⤷ Are there alternative termination materials available for this part if soldering requirements differ?