công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603CS-R12XJRU

  • AI
    The part number **0603CS-R12XJRU** identifies a specific high-frequency chip inductor manufactured by **Coilcraft**. This component is part of their "CS" series, known for high Q factors and excellent current-handling capabilities in a small form factor. ### Technical Specification Breakdown The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | 0603 Imperial (1608 Metric): approx. 1.6 x 0.8 mm | | **CS** | Series Type | Ceramic core, wire-wound chip inductor | | **R12** | Inductance | **120 nH** (R denotes decimal point; R12 = 0.12 µH) | | **X** | Termination | Standard termination (Silver-palladium-platinum-glass frit) | | **J** | Tolerance | **±5%** | | **R** | Packaging | 7″ reel, plastic tape (usually 2000 parts per reel) | | **U** | Testing/Grade | Standard/Commercial grade | --- ### Electrical Characteristics Based on the Coilcraft 0603CS series datasheet, here are the typical performance values for the **R12 (120 nH)** variant: * **Inductance:** 120 nH @ 150 MHz * **Q Factor (Minimum):** 40 @ 150 MHz * **Self-Resonant Frequency (SRF):** 1300 MHz (Typical) * **DC Resistance (DCR Max):** 0.650 Ohms * **Current Rating (Irms):** 400 mA * **Operating Temperature:** -40°C to +125°C --- ### Core Technology: Wire-Wound Ceramic Unlike multilayer inductors, the **0603CS** series uses a wire-wound construction on a ceramic core. This offers several advantages: 1. **Higher Q Factors:** Essential for minimizing signal loss in RF circuits. 2. **Higher Current Handling:** The physical wire can carry more current than printed traces in multilayer chips. 3. **Better Frequency Stability:** The ceramic core ensures the inductance remains stable across a wide range of temperatures and frequencies. --- ### Common Applications * **RF Impedance Matching:** Used in the front-end of wireless transceivers. * **Filtering:** Low-pass, high-pass, or band-pass filters in cellular and Wi-Fi equipment. * **Oscillators:** Serving as a frequency-determining element in VCOs (Voltage Controlled Oscillators). * **Bluetooth & IoT:** Small footprint makes it ideal for compact wireless modules.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic-core and ferrite-core inductors?
    • ⤷ How do I calculate the self-resonant frequency for my circuit design?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?