0603CS-R11XL
AI

The **0603CS-R11XL** is a high-performance **Ceramic Core Chip Inductor** manufactured by Coilcraft. It belongs to the 0603CS series, which is industry-renowned for high Q factors and high self-resonant frequencies (SRF).
---
## 1. Technical Specifications
The alphanumeric code provides specific details about the component's physical and electrical properties:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Inductance** | 110 nH | The nominal inductance value (R11 = 0.11 µH). |
| **Tolerance** | ±2% to ±5% | Typically "X" denotes a specific tolerance range (Check datasheet for "L" suffix). |
| **Case Size** | 0603 (EIA) | 1.6 mm x 0.8 mm (Physical dimensions). |
| **Core Material** | Ceramic | Provides excellent stability and high SRF. |
| **Max DC Current** | ~400 mA | The maximum current the part can handle before overheating. |
| **DC Resistance** | 0.48 Ohms (Max) | Resistance of the internal wire winding. |
| **Q Factor (Min)** | 48 at 250 MHz | Indicates low energy loss. |
---
## 2. Key Features
### High Q Factor
The "CS" series uses a wire-wound ceramic structure. This design allows for a much higher Quality Factor (Q) compared to multilayer inductors, making it ideal for signal integrity in RF circuits.
### Self-Resonant Frequency (SRF)
With an SRF typically around **1600 MHz**, this part remains inductive well into the Gigahertz range. This is critical for high-frequency filtering and matching.
### Termination and Soldering
The "L" at the end usually signifies the termination finish, often **Silver-Palladium-Platinum (Ag/Pd/Pt)** or **Leaded (Sn/Pb)** depending on the specific Coilcraft environmental sub-code.
---
## 3. Common Applications
* **RF Impedance Matching:** Used in the front-end of wireless transceivers to match antennas to Power Amplifiers (PA).
* **High-Frequency Filtering:** Implementing Low Pass (LPF) or Band Pass (BPF) filters in mobile devices.
* **Bluetooth & Wi-Fi Modules:** Small footprint makes it suitable for compact wireless modules.
* **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) due to its high stability.
---
## 4. Part Number Breakdown
```text
0603 CS - R11 X L
| | | | |
| | | | +-- Termination (e.g., Lead-free or Tin/Lead)
| | | +---- Tolerance (X = 5%, J = 5%, G = 2%)
| | +-------- Inductance Code (R11 = 110nH)
| +------------- Series (Ceramic Chip)
+------------------ Size (0.06 x 0.03 inches)
```
- ⤷
What is the difference between ceramic core and ferrite core inductors?
- ⤷ How does the Q factor affect RF circuit performance?
- ⤷ Can you explain how to calculate the SRF for this inductor in a specific circuit?