công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603C-R33M

  • AI
    The part number **0603C-R33M** typically refers to a **Surface Mount Device (SMD) Power Inductor**. Below is a detailed breakdown of its specifications, naming convention, and technical characteristics. --- ## 1. Part Number Breakdown The alphanumeric code follows a standard industry format for passive components: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | Dimensions are approx. 0.06 x 0.03 inches (1.6 x 0.8 mm). | | **C** | Construction | Often denotes a Ceramic core or a specific high-current series (varies by mfg). | | **R33** | Inductance Value | "R" acts as a decimal point. **0.33 µH** (microhenries). | | **M** | Tolerance | Indicates a **±20%** tolerance range. | --- ## 2. Technical Specifications While exact specs can vary slightly between manufacturers (like Coilcraft, TDK, or Murata), a standard 0.33µH 0603 inductor generally features: ### Electrical Characteristics * **Inductance:** 0.33 µH. * **Tolerance:** ±20%. * **DC Resistance (DCR):** Usually very low (milliomhs range) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by a specific percentage (e.g., 30%). * **Rated Current ($I_{rms}$):** The maximum continuous current the part can handle without overheating. ### Physical Characteristics * **Mounting Type:** SMD (Surface Mount Device). * **Package:** 0603 (Metric 1608). * **Core Material:** Typically Ferrite or Ceramic, depending on the frequency application. --- ## 3. Common Applications This specific value (0.33 µH) is commonly used in high-frequency power electronics: 1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators for smartphones and tablets. 2. **EMI Filtering:** Suppressing high-frequency noise in power supply lines. 3. **RF Circuits:** Used in matching networks or decoupling for high-speed communication modules. --- ## 4. Comparison: 0603 Imperial vs. Metric It is vital to distinguish between Imperial and Metric naming to avoid PCB layout errors: | Standard | Label | Dimensions (mm) | Dimensions (inches) | | :--- | :--- | :--- | :--- | | **Imperial** | 0603 | 1.6 x 0.8 mm | 0.06 x 0.03 in | | **Metric** | 0603 | 0.6 x 0.3 mm | 0.02 x 0.01 in | *Note: In the context of power inductors like the R33M, "0603" almost always refers to the **Imperial** size (1.6mm x 0.8mm).*
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in this size?
    • ⤷ How do I calculate the ripple current for a 0.33µH inductor in a buck converter?
    • ⤷ Which manufacturers are the primary suppliers for the 0603C series?