công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603C-R18F

  • AI
    ## Electronic Parts Overview: 0603C-R18F The **0603C-R18F** is a specific surface-mount technology (SMT) electronic component, typically categorized as a high-frequency **Chip Inductor**. Below is a detailed breakdown of its specifications and characteristics. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical properties: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) | | **C** | Construction | Ceramic core (standard for high frequency) | | **R18** | Inductance Value | R denotes decimal; 0.18 Microhenries ($\mu$H) or 180 Nanohenries (nH) | | **F** | Tolerance | ±1% (Precision grade) | --- ### 2. Electrical Specifications While specific values can vary slightly by manufacturer (such as Coilcraft or Murata), a standard "R18" inductor in this series generally follows these parameters: * **Inductance:** 180 nH * **Tolerance:** ±1% (The "F" suffix indicates a tight tolerance, ideal for tuning circuits). * **DC Resistance (DCR):** Typically low (around 0.5 to 1.5 Ohms) to minimize power loss. * **Self-Resonant Frequency (SRF):** Usually in the range of 800 MHz to 1.2 GHz. * **Quality Factor (Q):** High Q factor at high frequencies, ensuring low signal attenuation. * **Rated Current:** Generally between 100mA and 400mA depending on the specific series. --- ### 3. Physical Characteristics As an **0603** package, this part is designed for automated assembly. * **Mounting Type:** Surface Mount (SMD/SMT). * **Material:** Ceramic body with wire-winding or multilayer construction. * **Termination:** Typically tin-plated (Pb-free) for RoHS compliance. --- ### 4. Common Applications Due to its small size and high precision (±1%), the 0603C-R18F is commonly used in: 1. **RF Circuits:** Matching networks for antennas. 2. **Wireless Communication:** Bluetooth, Wi-Fi, and cellular modules. 3. **Filters:** Low-pass or band-pass filters in high-frequency signal paths. 4. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). --- ### 5. Schematic Representation In a circuit diagram, the part is represented as an inductor symbol: ```text L1 ----(UUU)---- 180 nH, 1% ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturers produce the 0603C-R18F series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What is the maximum operating temperature for an 0603 size chip inductor?