công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0603C-R15F

  • AI
    The part number **0603C-R15F** refers to a high-frequency, surface-mount (SMD) ceramic chip inductor. These components are specifically designed for RF (Radio Frequency) circuits where precision and stability are critical. --- ### 1. Part Number Breakdown The nomenclature follows industry standards for passive components: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **0603** | Case Size | Dimensions are 0.06 x 0.03 inches (1.6 x 0.8 mm). | | **C** | Core Type | Usually indicates a **Ceramic Core** (High Q factor). | | **R15** | Inductance Value | "R" acts as a decimal point. **0.15 µH** (or 150 nH). | | **F** | Tolerance | Indicates a precision tolerance of **±1%**. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Coilcraft or Murata), typical characteristics for a 0.15 µH ceramic inductor in this class include: * **Inductance:** 150 nH * **Tolerance:** ±1% (High precision) * **Quality Factor (Q):** Typically high (30–50 range at 100MHz), allowing for low signal loss. * **Self-Resonant Frequency (SRF):** Usually above 1 GHz, ensuring the part behaves as an inductor at high frequencies. * **DCR (DC Resistance):** Low resistance to minimize power dissipation. * **Rated Current:** Generally in the range of 100mA to 500mA depending on the specific series. --- ### 3. Key Applications Because this is a ceramic core inductor with a tight tolerance (±1%), it is primarily used in: 1. **Impedance Matching:** Used in the front-end of RF transceivers to match antennas to chips. 2. **Filter Networks:** Building Band-pass or Low-pass filters for Wi-Fi, Bluetooth, or GPS signals. 3. **VCOs:** Voltage Controlled Oscillators where frequency stability is paramount. 4. **Decoupling:** Filtering high-frequency noise in sensitive analog power rails. --- ### 4. Mounting & Soldering The **0603** footprint is the standard for modern PCB design, offering a balance between ease of manufacturing and space-saving. ```text PCB Pad Layout Suggestion (0603): [ 0.8mm ] +-------+ <-- Pad A | | +-------+ [ 0.6mm ] <-- Gap +-------+ | | <-- Pad B +-------+ ``` ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between ceramic core and ferrite core inductors?
    • ⤷ Can I substitute a 5% tolerance inductor for this 1% part in an RF circuit?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?