0518CDMCCDS-R68MC
AI

The part number **0518CDMCCDS-R68MC** refers to a high-current, shielded power inductor typically manufactured by **Sumida**. These components are essential in modern power electronics for managing energy storage and filtering.
---
### 1. Part Number Breakdown
To understand the component, we can deconstruct the alphanumeric code:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **0518** | Case Size | Approx. 5.4mm x 5.2mm with a height of 1.8mm. |
| **CDMC** | Series Type | Molded Power Inductor (Metal Composite Core). |
| **R68** | Inductance Value | **0.68 µH** (Microhenries). |
| **M** | Tolerance | ±20% |
| **C** | Packaging/Finish | Usually refers to carrier tape packaging or specific coating. |
---
### 2. Key Technical Specifications
Based on the standard 0518CDMCCDS series profile, here are the typical electrical characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **DC Resistance (DCR)** | ~10.0 mΩ (Max) |
| **Saturation Current (Isat)** | ~12.0 - 14.0 A (Value where inductance drops by 30%) |
| **Temperature Rise Current (Irms)** | ~8.0 - 9.0 A (Value causing a 40°C rise) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Core Features and Construction
* **Metal Powder Molding:** Unlike traditional wire-wound inductors with ferrite cores, this uses a metal composite powder. This construction allows for a "soft saturation" characteristic (the inductance doesn't drop off instantly when current increases).
* **Magnetic Shielding:** The molded structure naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Low Profile:** The "1.8mm" height makes it ideal for thin electronic devices like laptops and smartphones.
---
### 4. Common Applications
These inductors are primarily used in **DC-DC converters** and Voltage Regulator Modules (VRMs). Specific applications include:
* **Consumer Electronics:** Notebooks, tablets, and gaming consoles.
* **Telecommunications:** Base station power modules.
* **Automotive:** Infotainment systems and LED lighting drivers.
---
### 5. Footprint (Land Pattern) Example
When designing a PCB for this part, the pads usually follow this approximate geometry:
```text
5.4mm
<----------->
+-----------+ ^
| [ Pad ] | | 5.2mm
| | |
| [ Pad ] | |
+-----------+ v
```
- ⤷
What is the difference between 'Soft Saturation' and standard saturation in inductors?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the CDMC series?
- ⤷ How does the 1.8mm height affect the thermal dissipation compared to taller inductors?