0518CDMCCDS-R56MC
AI

The **0518CDMCCDS-R56MC** is a high-performance, surface-mount (SMD) power inductor. This component is typically manufactured by **Sumida** (as indicated by the "CDMC" series prefix) and is designed for high-current applications where space and efficiency are critical.
---
### 1. Technical Specification Breakdown
The part number follows a specific nomenclature that describes its physical and electrical characteristics:
| Part Segment | Description | Value/Detail |
| :--- | :--- | :--- |
| **0518** | Case Size | Approx. 5.4mm x 5.2mm x 1.8mm |
| **CDMC** | Series Code | Shielded, metal composite core construction |
| **R56** | Inductance Value | **0.56 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **C** | Application | Standard Commercial/Industrial grade |
---
### 2. Key Electrical Characteristics
While exact ratings can vary slightly between production batches, the standard specifications for a 0.56µH inductor in this frame size are generally:
* **Inductance:** 0.56 µH.
* **DC Resistance (DCR):** Low (typically between 5mΩ to 10mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity (often 10A–15A range), meaning the inductance won't drop sharply under heavy load.
* **Temperature Rise Current ($I_{rms}$):** The current that causes a 40°C rise in temperature.
---
### 3. Construction and Features
* **Metal Composite Core:** Unlike traditional ferrite inductors, these use a powdered iron/metal composite. This allows for a **"soft saturation"** characteristic, meaning the inductor maintains its properties better as current increases.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low Profile:** The "18" in the name indicates a height of roughly 1.8mm, making it suitable for thin devices like laptops or tablets.
---
### 4. Common Applications
This part is commonly used in DC-DC converter circuits for power management:
* **Voltage Regulator Modules (VRMs):** For CPUs and GPUs.
* **Point of Load (POL) Converters:** Converting a main bus voltage down to lower voltages for logic gates.
* **Mobile Electronics:** Smartphones, tablets, and ultra-portable laptops.
---
- ⤷
What are the advantages of a metal composite core over a ferrite core?
- ⤷ How does the 'soft saturation' characteristic affect circuit stability?
- ⤷ What are the recommended soldering profiles for this SMD package?