AI

The **0518CDMCCDS-R33MC** is a high-performance, surface-mount (SMD) power inductor. It is part of the **CDMC** series, commonly manufactured by companies like Sumida. This specific component is designed for high-current applications where efficiency and space-saving are critical.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **0518** | Case Size | Dimensions are approximately 5.4mm x 5.2mm with a height of 1.8mm. |
| **CDMC** | Series | Indicates a shielded, metal composite core structure. |
| **R33** | Inductance | Represents **0.33 µH** (Microhenries). |
| **M** | Tolerance | Indicates a tolerance of **±20%**. |
| **C** | Packaging/Special | Standard commercial grade or specific winding style. |
---
### 2. Key Technical Specifications
Based on the standard 0518 CDMC series profile, here are the typical technical parameters:
* **Inductance:** 0.33 µH.
* **DC Resistance (DCR):** Extremely low (typically in the range of 3.0mΩ to 5.0mΩ) to minimize power loss.
* **Saturation Current (Isat):** The current at which inductance drops by a specific percentage (e.g., 30%). For this size/value, it is usually between **15A and 22A**.
* **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature, typically around **10A to 14A**.
* **Operating Temperature:** Generally rated for **-40°C to +125°C**.
---
### 3. Construction and Features
* **Metal Composite Core:** Unlike traditional ferrite inductors, these use a powdered iron/metal composite core. This allows for "soft saturation" characteristics, meaning the inductance doesn't drop off sharply when high current is applied.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low Profile:** The "18" in the name indicates a maximum height of 1.8mm, making it ideal for thin electronic devices like laptops or tablets.
---
### 4. Common Applications
This inductor is typically used in **DC-DC Converter** circuits for:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in high-end computing.
2. **Mobile Devices:** Power management in smartphones and tablets.
3. **SSD Drives:** Providing stable voltage rails for high-speed memory.
4. **Distributed Power Systems:** Points of Load (POL) converters.
- ⤷
What is the difference between 'soft saturation' and 'hard saturation' in power inductors?
- ⤷ How does DCR affect the overall efficiency of a DC-DC converter?
- ⤷ Can this part be used in automotive applications
- ⤷ or is it strictly commercial grade?