0512CDMCCDS-R68MC
AI

The part number **0512CDMCCDS-R68MC** refers to a specific surface-mount (SMD) power inductor. This component is typically manufactured by **Sumida** (CDMC series) or similar manufacturers following the same naming convention.
---
## 1. Part Number Breakdown
The alphanumeric code describes the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0512** | Case Size | Approx. 5.4mm x 5.2mm (Footprint) and 1.2mm (Height). |
| **CDMC** | Series Type | Metal composite mold type (high current, low profile). |
| **CDS** | Construction | Shielded construction to reduce EMI (Electromagnetic Interference). |
| **R68** | Inductance | **0.68 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** (Standard for power inductors). |
| **C** | Packaging/Finish | Usually denotes tape and reel packaging or specific lead-free finish. |
---
## 2. Technical Specifications
While exact values can vary slightly by manufacturer, the standard specs for a **0.68µH 0512** inductor are:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Typically very low (~10mΩ to 15mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High, often between **8A and 12A** (The point where inductance drops by 30%).
* **Operating Temperature:** Generally **-40°C to +125°C**.
* **Core Material:** Carbonyl Iron or Metal Alloy (provides "soft" saturation characteristics).
---
## 3. Key Features & Applications
### Features
1. **Low Profile:** The "12" in 0512 signifies a height of only **1.2mm**, making it ideal for slim electronics.
2. **Magnetic Shielding:** The molded metal powder construction acts as a shield, preventing magnetic fields from interfering with nearby components.
3. **High Current Handling:** Unlike traditional wire-wound ferrites, these metal composite inductors can handle high current spikes without sudden saturation.
### Applications
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power phases.
* **DC-DC Converters:** Found in smartphones, tablets, and laptops.
* **LED Drivers:** Providing steady current for backlighting.
* **Automotive Infotainment:** Used in compact power supply circuits for car electronics.
---
- ⤷
What are the main differences between metal composite and ferrite core inductors?
- ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or TDK?