0420CDMCCDS-R10MC
AI

The part number **0420CDMCCDS-R10MC** refers to a high-current, low-profile **Power Inductor** manufactured by **Sumida**. These components are specifically designed for surface-mount technology (SMT) and are commonly used in DC-DC converters and power supply modules.
---
### 1. Technical Specifications
The part number is an alphanumeric code that defines the physical and electrical characteristics of the inductor:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (R10) |
| **Tolerance** | ±20% (M) |
| **Case Size** | 4.0 x 4.0 x 2.0 mm (0420) |
| **DC Resistance (Max)** | ~4.4 mΩ |
| **Saturation Current** | ~17.5 A |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying similar components within the series:
1. **0420**: Indicates the dimensions. "04" represents the length/width (approx. 4mm) and "20" represents the height (2.0mm).
2. **CDMC**: Refers to the series type (Molded Power Inductor).
3. **CDS**: Specific internal design or material variation (often referring to core material improvements).
4. **R10**: The inductance value. "R" acts as the decimal point; thus, R10 = **0.10 µH**.
5. **M**: Tolerance code. M stands for **±20%**.
6. **C**: Packaging code (usually refers to Tape & Reel).
---
### 3. Key Features and Construction
* **Metal Compound Core:** This inductor uses a metal powder molding technology. This allows for a higher saturation current compared to traditional ferrite drum cores.
* **Magnetic Shielding:** The molded structure acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Low DCR:** The use of thick copper wire ensures low Direct Current Resistance (DCR), which reduces power loss and heat generation.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when over-current occurs, these molded inductors have a gradual saturation curve.
---
### 4. Common Applications
Due to its high current capacity and small footprint, it is typically found in:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops.
* **DC-DC Converters:** Point-of-Load (POL) power supplies.
* **Mobile Electronics:** Smartphones and tablets where board space is limited.
* **Automotive:** Infotainment systems and LED lighting drivers.
---
- ⤷What is the difference between molded inductors and traditional ferrite inductors?
- ⤷ How does the 'R10' inductance value affect the efficiency of a DC-DC converter?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this specific part?