0415CDMCCDS-R47MC
AI

The part number **0415CDMCCDS-R47MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida**. These components are essential in modern electronics for managing power supply stability and efficiency.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Parameter | Value / Detail |
| :--- | :--- |
| **Series Type** | 0415CDMCCDS (Molded Power Inductor) |
| **Inductance** | 0.47 µH (Microhenries) |
| **Tolerance** | ±20% (Indicated by "M") |
| **Dimensions** | Approx. 4.0 x 4.0 x 1.5 mm |
| **Construction** | Metal Compound Molding (Shielded) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Key Features
* **Molded Structure:** The coil is encapsulated in a metal magnetic powder. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **High Current Capability:** Due to the metal powder core, these inductors can handle higher saturation currents compared to traditional ferrite drum cores.
* **Low Profile:** The "15" in the series name often denotes a maximum height of around 1.5mm, making it ideal for thin devices like smartphones or tablets.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when overloaded, this model exhibits "soft" saturation, maintaining better performance under heavy loads.
---
### 3. Common Applications
These inductors are primarily used in **DC-DC converters** and voltage regulator modules (VRMs). Specific applications include:
1. **Consumer Electronics:** Laptops, tablets, and ultra-thin LED displays.
2. **Communication:** Base stations and high-speed routers.
3. **Power Modules:** Point-of-Load (POL) converters for CPUs and GPUs.
4. **Automotive:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
---
### 4. Comparison: R47 vs. Higher Values
| Feature | 0.47 µH (R47) | 2.2 µH (2R2) |
| :--- | :--- | :--- |
| **Switching Frequency** | Better for high-frequency (MHz range) | Better for lower frequency |
| **DC Resistance (DCR)** | Lower (higher efficiency) | Higher |
| **Size Efficiency** | Allows for smaller footprints | Requires more space for same current |
- ⤷
What is the maximum saturation current (Isat) for this specific model?
- ⤷ How does the 'soft saturation' characteristic benefit a switching power supply?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 certification?