0412CDMCCDS-R10MC
AI

The part number **0412CDMCCDS-R10MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida**. These components are widely used in DC-DC converters for laptops, graphics cards, and compact mobile devices.
---
## 1. Part Number Breakdown
The alphanumeric string defines the physical and electrical characteristics of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0412** | Size Code | Approx. 4.4mm x 4.2mm x 1.2mm |
| **CDMC** | Series Type | Surface Mount (SMD) Metal Compound Power Inductor |
| **CDS** | Construction | Shielded construction for low EMI |
| **R10** | Inductance Value | **0.10 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **C** | Special Code | Typically refers to packaging or internal material revisions |
---
## 2. Technical Specifications
This inductor is designed for "Point of Load" (POL) applications where high efficiency and high current handling are required in a small footprint.
### Electrical Characteristics
* **Inductance:** 0.10 µH
* **DC Resistance (DCR):** Extremely low (typically < 3.0 mΩ), which minimizes power loss.
* **Saturation Current (Isat):** Very high. Usually rated between **15A to 25A** (depending on the specific manufacturer's batch), meaning the inductance doesn't drop sharply under heavy loads.
* **Temperature Range:** -40°C to +125°C (including self-heating).
### Physical Features
* **Molded Construction:** Uses a metal alloy powder core, providing excellent saturation characteristics compared to traditional ferrite cores.
* **Magnetic Shielding:** Reduces electromagnetic interference (EMI) with surrounding components.
* **Lead-Free/RoHS:** Compliant with modern environmental standards.
---
## 3. Typical Applications
Because of the **0.10 µH** rating (very low inductance) and high current capacity, this part is found in high-frequency switching environments:
1. **Voltage Regulator Modules (VRM):** For CPU and GPU power delivery.
2. **High-speed DC-DC Converters:** Where switching frequencies are high.
3. **Battery Powered Devices:** Smartphones, tablets, and ultra-thin notebooks.
4. **SSD Power Rails:** Providing stable current to NAND and Controllers.
---
- ⤷What is the difference between this metal compound inductor and a standard ferrite inductor?
- ⤷ How does the saturation current affect circuit performance?
- ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?