công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 04025J8R2ABSTR500

  • AI
    The part number **04025J8R2ABSTR\500** refers to a high-precision Surface Mount Device (SMD) capacitor, specifically a **Thin-Film Silicon Capacitor** manufactured by KYOCERA AVX. These components are designed for high-frequency RF applications where stability and low loss are critical. --- ### 1. Part Number Breakdown To understand the specifications, we can decode the nomenclature based on AVX’s standard for the **Accu-P®** series: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Size** | 0402 | Dimensions: 0.04" x 0.02" (1.0mm x 0.5mm) | | **Voltage** | 5 | 50 Volts DC | | **Dielectric** | J | Silicon Dioxide (Thin Film technology) | | **Capacitance** | 8R2 | 8.2 Picofarads (pF) | | **Tolerance** | A | ±0.05 pF (Ultra-tight precision) | | **Termination** | B | Nickel / Solder Coated (Sn63/Pb37) | | **Packaging** | STR\500 | Tape & Reel (Standard 7" reel, 500 pieces) | --- ### 2. Key Technical Specifications The **Accu-P®** series is known for its high "Q" factor and low ESR (Equivalent Series Resistance). * **Capacitance:** 8.2 pF * **Tolerance:** ±0.05 pF (Extremely low deviation) * **Rated Voltage:** 50V DC * **Operating Temperature:** -55°C to +125°C * **Temperature Coefficient:** 0 ± 30ppm/°C (Very stable across temperatures) * **Technology:** Thin-Film. Unlike standard Multilayer Ceramic Capacitors (MLCCs), thin-film capacitors use high-purity materials and photolithography to achieve precise electrical properties. --- ### 3. Common Applications Due to its high precision and performance at Gigahertz (GHz) frequencies, this part is typically used in: 1. **RF Matching Networks:** Ensuring signal integrity in power amplifiers. 2. **VCOs (Voltage Controlled Oscillators):** Maintaining frequency stability. 3. **Filters:** High-rejection bandpass or low-pass filters for wireless communication. 4. **Satellite and Medical Equipment:** Where reliability and exact capacitance values are required. --- ### 4. Comparison: Thin-Film vs. Standard MLCC | Feature | Thin-Film (04025J...) | Standard MLCC (C0G/NP0) | | :--- | :--- | :--- | | **Tolerance** | Very Tight (±0.05pF) | Loose (±5% or ±0.25pF) | | **Frequency Response** | Excellent up to several GHz | Moderate high-frequency performance | | **SRF (Self Resonant Freq)** | Very High | Lower | | **Cost** | Higher | Low | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between leaded and lead-free (RoHS) versions of this part?
    • ⤷ How does the 'Q factor' affect RF circuit performance in 0402 capacitors?
    • ⤷ Are there direct equivalents for this part from other manufacturers like Murata or Vishay?