04023K8R2ABTTR
AI

The part number **04023K8R2ABTTR** refers to a high-frequency, high-precision surface-mount capacitor, typically manufactured by **AVX (now KYOCERA AVX)**. This specific part belongs to the **Accu-P®** series, which is designed for RF (Radio Frequency) and microwave applications.
---
### Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0402** | Case Size | 0.04 x 0.02 inches (1.0 x 0.5 mm) |
| **3** | Voltage | Rated for 25 Volts DC |
| **K** | Dielectric | Accu-P (Thin Film Technology) |
| **8R2** | Capacitance | 8.2 pF (Picofarads) |
| **A** | Tolerance | ±0.05 pF (Ultra-tight tolerance) |
| **B** | Termination | Nickel/Solder coated (Sn/Pb or Lead-free depending on suffix) |
| **TT** | Taping | Tape & Reel (7" reel) |
| **R** | RoHS | Standard compliance |
---
### Key Technical Specifications
* **Technology:** Thin Film. Unlike standard ceramic capacitors (MLCCs), thin-film capacitors are created using a process similar to semiconductor manufacturing. This allows for extremely precise capacitance values and high stability.
* **Operating Temperature:** Typically -55°C to +125°C.
* **Q-Factor:** Extremely high Quality Factor (Q), meaning it has very low energy loss at high frequencies.
* **SRF (Self-Resonant Frequency):** Very high, making it suitable for GHz-range applications.
---
### Common Applications
Because of its high precision and low loss, this part is used in:
1. **Mobile Communications:** Matching networks in cellular base stations and smartphones.
2. **Satellite Systems:** Signal filtering and tuning.
3. **GPS/Navigation:** High-stability circuits for positioning data.
4. **RF Amplifiers:** Decoupling and DC blocking in high-frequency signal paths.
---
### Comparison: Thin-Film vs. Standard MLCC
| Feature | Accu-P (Thin Film) | Standard MLCC (C0G/NP0) |
| :--- | :--- | :--- |
| **Tolerance** | Very Tight (down to ±0.01pF) | Moderate (typically ±5%) |
| **Stability** | Excellent over freq/temp | Good |
| **Cost** | Higher | Lower |
| **Application** | Precision RF/Microwave | General Purpose/Filtering |
- ⤷
What is the difference between Accu-P and Accu-L series components?
- ⤷ Can this capacitor be used in lead-free soldering processes?
- ⤷ How does the 0402 case size affect the thermal management of the PCB?