04023K680ABSTR
AI

The part number **04023K680ABSTR** refers to a high-precision surface-mount capacitor, typically used in Radio Frequency (RF) and microwave applications. It is manufactured by **Kyocera AVX**.
Below is the detailed breakdown of the electronic specifications and part number nomenclature.
### 1. Part Number Breakdown
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Size** | `0402` | EIA Case Size (0.04 x 0.02 inches / 1.0 x 0.5 mm) |
| **Voltage** | `3` | Rated for **25 Volts** |
| **Dielectric** | `K` | Accu-P® technology (Thin Film Silicon Dioxide/Nitride) |
| **Capacitance** | `680` | **68.0 pF** (68 followed by 0 zeros) |
| **Tolerance** | `A` | Tight Tolerance: **±0.05 pF** |
| **Termination** | `BS` | Nickel barrier with Gold (Au) or Tin finish (standard RF) |
| **Packaging** | `TR` | Tape & Reel |
---
### 2. Technical Specifications
This component is part of the **Accu-P® Series**, which uses thin-film technology rather than standard multilayer ceramic (MLCC) processes. This results in superior performance at high frequencies.
* **Capacitance:** 68 pF
* **Tolerance:** Extremely tight (±0.05 pF), critical for tuning circuits.
* **Operating Temperature:** -55°C to +125°C.
* **Q-Factor:** High Q (Low loss), essential for minimizing signal attenuation in RF paths.
* **SRF (Self-Resonant Frequency):** Very high, allowing the part to function predictably into the GHz range.
---
### 3. Key Applications
Because of its high precision and stability, this part is used in:
1. **Mobile Communications:** Cellular base stations and handsets.
2. **Satellite Systems:** GPS and telemetry equipment.
3. **Matching Networks:** Impedance matching for power amplifiers.
4. **Filters:** Low-pass, high-pass, and band-pass filters in RF circuits.
---
### 4. Comparison: Accu-P vs. Standard MLCC
| Feature | Accu-P (04023K...) | Standard MLCC (C0G/NP0) |
| :--- | :--- | :--- |
| **Precision** | Ultra-high (Thin Film) | Moderate (Thick Film) |
| **Repeatability** | Excellent (Batch to Batch) | Good |
| **RF Performance** | Superior at >1 GHz | Degrades at higher GHz |
| **Cost** | Higher | Lower |
- ⤷
What are the soldering recommendations for 0402 thin-film capacitors?
- ⤷ Can you explain the difference between 'A' and 'B' tolerance in the Accu-P series?
- ⤷ What are common alternatives to the 04023K680ABSTR for 5G applications?