031-10152-RFX
AI

The part number **031-10152-RFX** refers to a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC straight plug designed for coaxial cables.
---
### 1. Technical Specifications
This component is engineered for telecommunications and broadcast applications where signal integrity is paramount.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC (Bayonet Neill–Concelman) |
| **Gender** | Plug (Male) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | 0 - 4 GHz |
| **Body Material** | Brass |
| **Body Finish** | Nickel |
| **Contact Material** | Brass (Gold Plated) |
| **Termination Type** | Crimp |
| **Cable Type Compatibility** | RG-58, RG-141, LMR-195 |
---
### 2. Key Features and Construction
* **Bayonet Locking Mechanism:** Features a "twist and lock" coupling system, allowing for quick connect/disconnect and ensuring the connection remains secure despite vibrations.
* **RFX Designation:** The "RFX" suffix typically denotes Amphenol’s commercial grade or value-engineered series, providing a cost-effective solution without compromising electrical performance in standard environments.
* **Gold-Plated Contacts:** The center pin is gold-plated to ensure low contact resistance and protection against oxidation over time.
* **Insulation:** Usually utilizes PTFE (Teflon) as an insulator, which handles high temperatures and provides excellent dielectric properties for RF signals.
---
### 3. Common Applications
Due to its 50-ohm impedance and frequency range, it is commonly used in:
1. **Test and Measurement:** Oscilloscopes and signal generators.
2. **Antennas:** Low-power radio transmissions and Wi-Fi equipment.
3. **Broadcast:** Professional video and audio signal routing.
4. **Networking:** Older Ethernet topologies (though rare now) and specialized data links.
---
### 4. Assembly Overview
To install this part, a specific crimp tool is required. The typical assembly process follows these steps:
1. **Stripping:** Remove the outer jacket, braid, and dielectric of the coaxial cable to specific lengths.
2. **Crimping the Pin:** Slide the center contact over the conductor and crimp.
3. **Seating:** Push the cable into the connector body until the pin "clicks" or seats properly.
4. **Final Crimp:** Slide the outer ferrule over the braid and the connector tail, then crimp to secure the cable to the body.
- ⤷What are the specific stripping dimensions for RG-58 cable with this connector?
- ⤷ How does a 50-ohm BNC connector differ from a 75-ohm BNC connector?
- ⤷ What is the maximum voltage rating for the 031-10152-RFX?