công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 03024-013P

  • AI
    The part number **03024-013P** generally refers to a specific type of **Miniature Coaxial Connector** or a specialized **RF (Radio Frequency) Pin**, often associated with high-precision electronic assemblies and aerospace-grade components. Below is a detailed breakdown of the electronic characteristics and technical specifications typically associated with this part series. --- ### 1. Technical Specifications This component is designed for high-frequency signal integrity. While specific manufacturers (like Winchester or specialized RF vendors) may have slight variations, the standard parameters are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Connector / Coaxial Socket | | **Contact Material** | Beryllium Copper or Brass | | **Plating** | Gold (Au) over Nickel (Ni) | | **Impedance** | 50 Ohms (Typical) | | **Mounting Type** | Through-hole or Press-fit | | **Termination** | Solder or Crimp | --- ### 2. Key Electronic Characteristics * **Signal Integrity:** The "P" suffix often denotes a **Plug** or **Pin** configuration designed for low insertion loss. The gold plating ensures minimal contact resistance and prevents oxidation over long periods. * **Durability:** Being a precision part, it is rated for a high number of mating cycles. The use of Beryllium Copper allows the part to maintain its spring tension and mechanical shape under thermal stress. * **Frequency Range:** Typically used in applications ranging from DC to several GHz, making it suitable for telecommunications and instrumentation. --- ### 3. Application Areas These parts are rarely found in consumer electronics; they are specialized for industrial and military-grade hardware: 1. **Avionics:** Used in flight control systems where vibration resistance is critical. 2. **Test & Measurement:** Integrated into Oscilloscopes or Signal Generators as internal interconnects. 3. **Medical Imaging:** High-frequency signal transmission in MRI or ultrasound sub-assemblies. 4. **Telecommunications:** Base station power amplifiers and RF switching modules. --- ### 4. Identification and Sourcing When sourcing this part, ensure the following suffixes and prefixes are checked: * **Prefixes:** Often associated with brands like *Winchester Interconnect* or *Kings Electronics*. * **Packaging:** Usually sold in bulk or tape-and-reel for automated assembly. ```json { "part_status": "Active/Restricted", "category": "Interconnects", "sub_category": "RF/Coaxial Connectors" } ```
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the 03024-013P part?
    • ⤷ Are there compatible alternatives for this RF connector?
    • ⤷ What is the recommended soldering temperature for the 03024 series?