01GEEG3S-R
AI

## Detailed Overview of 01GEEG3S-R
The **01GEEG3S-R** is a high-performance **Power Entry Module (PEM)** manufactured by **Delta Electronics**. It is specifically designed to manage the interface between a device's internal circuitry and an external AC power source, incorporating filtration and safety features.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Power Entry Module (Filtered) |
| **Rated Voltage** | 115V / 250V AC |
| **Rated Current** | 1A |
| **Operating Frequency** | 50 / 60 Hz |
| **Leakage Current** | 0.2 mA Max @ 115VAC / 0.4 mA Max @ 250VAC |
| **Termination Style** | Solder Lug / Quick Connect |
| **Mounting Type** | Flange Mount (Screw) |
| **IEC Connector Type** | C14 (Male) |
---
### 2. Functional Electronic Components
The "G3S" series indicates a specific internal configuration designed for EMI (Electromagnetic Interference) suppression. The unit typically contains the following internal electronic stages:
* **IEC 60320 C14 Inlet:** The physical interface for the power cord.
* **EMI/RFI Filter:** A built-in circuit consisting of:
* **Inductors (Chokes):** Used to block high-frequency noise from entering or exiting the device.
* **X-Capacitors:** Connected across the line to suppress differential mode noise.
* **Y-Capacitors:** Connected between line/neutral and ground to suppress common-mode noise.
* **Bleeder Resistor:** Often included to discharge the capacitors when power is removed for safety.
---
### 3. Application and Usage
This part is generally used in sensitive electronic equipment where clean power is required to prevent malfunctions or data loss.
* **Medical Equipment:** High reliability and low leakage requirements.
* **Telecommunications:** Protection against signal interference.
* **Test & Measurement:** Ensuring precision by removing line noise.
* **Industrial Automation:** Protecting PLCs and controllers from harsh electrical environments.
---
### 4. Safety and Compliance
The **-R** suffix typically denotes compliance with specific environmental or safety standards:
* **RoHS Compliant:** Free from hazardous substances like lead and mercury.
* **Agency Approvals:** Usually carries certifications from **UL, CSA, and VDE**, ensuring it meets global safety standards for electrical components.
- ⤷
What are the mechanical dimensions for the flange mounting of the 01GEEG3S-R?
- ⤷ How does the 'S' version differ from the standard 'G3' series in terms of filtering?
- ⤷ Are there versions of this module with a built-in fuse holder?