công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 01-R2

  • AI
    The term **01-R2** generally refers to a specific electronic component identification, most commonly associated with a **precision resistor** or a **high-power wirewound resistor** depending on the manufacturer's series. Below is a breakdown of what this part typically represents in the electronics industry. --- ### 1. Component Identification In many manufacturer schemas (such as Ohmite, Vishay, or TE Connectivity), the code breaks down as follows: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **01** | Series/Size | Often denotes a 1-watt power rating or a specific physical frame size. | | **R2** | Resistance Value | The "R" acts as a decimal point. **R2** = **0.2 Ohms (Ω)**. | ### 2. Common Technical Specifications If this refers to a standard 1W power resistor, the typical specifications are: * **Resistance:** 0.2 $\Omega$ (Low resistance, often used for current sensing). * **Tolerance:** Usually $\pm1\%$ or $\pm5\%$. * **Power Rating:** Typically 1 Watt (denoted by the "01"). * **Composition:** Metal Film or Wirewound (for surge handling). --- ### 3. Application Use Cases Components with the "R2" (0.2 Ohm) value are rarely used for simple voltage drops; they are typically found in: 1. **Current Sensing:** Placed in series with a load to measure voltage drop and calculate current ($I = V/R$). 2. **Feedback Loops:** Used in switch-mode power supplies (SMPS) to monitor output stability. 3. **Shunt Resistors:** To bypass large amounts of current in a circuit. 4. **Audio Amplifiers:** Used in the output stage for emitter degeneration to prevent thermal runaway. ### 4. Code Block Example: Calculating Voltage Drop If you are using an **01-R2** (0.2 $\Omega$) resistor to sense a 2-Ampere current, you can calculate the voltage across it using Ohm's Law: ```python # Ohm's Law: V = I * R current = 2.0 # Amperes resistance = 0.2 # Ohms (R2) voltage_drop = current * resistance power_dissipated = (current ** 2) * resistance print(f"Voltage Drop: {voltage_drop}V") print(f"Power Dissipated: {power_dissipated}W") # Result: 0.4V and 0.8W (Safe for a 1W rated part) ``` --- **Note:** If "01-R2" refers to a specific proprietary part number from a manufacturer like *Murata* or *TDK* (e.g., a filter or inductor), the specifications will differ significantly. Always cross-reference the manufacturer's logo on the component with their official datasheet.
    ✨ Follow-up Questions
    • ⤷How do I identify the manufacturer of a resistor with only '01-R2' printed on it?
    • ⤷ What are the risks of using a 0.2 Ohm resistor in a high-current circuit?
    • ⤷ Is 01-R2 available in Surface Mount (SMD) packages?