công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 0000-R

  • AI
    The code **0000-R** is typically a manufacturing or manufacturer-specific suffix often found on Surface Mount Device (SMD) components, specifically **thick film chip resistors**. While the "0000" signifies the resistance value, the "-R" suffix usually denotes packaging or specific compliance standards. --- ### 1. Technical Specifications (0000-R) In the context of electronic components, "0000" is the standard marking for a **Zero-Ohm Link** or a **Jumper**. | Feature | Description | | :--- | :--- | | **Component Type** | SMD Resistor (Thick Film) | | **Resistance Value** | 0 $\Omega$ (Zero Ohms) | | **Function** | Acts as a bridge or wire link on a PCB | | **Suffix "-R"** | Typically stands for **RoHS Compliant** or **Tape & Reel Packaging** | | **Actual Resistance** | Usually $< 50m\Omega$ (Real-world maximum) | --- ### 2. Common Applications Why use a resistor that has zero resistance? Engineers use them for several strategic reasons: * **PCB Configuration:** They allow the same circuit board layout to be used for different product versions by "closing" or "opening" specific paths. * **Automated Assembly:** Using a 0000 resistor is cheaper than using a copper wire jumper because pick-and-place machines can handle them like any other SMD part. * **Circuit Protection:** Sometimes used as a "weak link" or a rudimentary fuse that can be easily removed to isolate sections of a board during troubleshooting. * **Grounding:** Used to connect different ground planes (e.g., Analog Ground to Digital Ground) at a single point. --- ### 3. Decoding the Part Number Structure If you are looking at a full part number (e.g., *RC0603JR-070RL* or *ERJ-2GE0R00X*), the "0000" or "0R" breaks down as follows: | Code | Meaning | | :--- | :--- | | **0** | No significant digits | | **000** | Multiplier of zero | | **R** | Decimal point (in 0R0) or RoHS Compliance (in suffixes) | --- ### 4. Important Limitations Even though they are "Zero Ohm," they have physical limits: 1. **Current Rating:** They cannot handle infinite current. A standard 0603 size zero-ohm resistor is usually rated for **1A to 2A**. 2. **Voltage Drop:** Because there is a tiny amount of resistance (measured in milliohms), a small voltage drop occurs at high currents. ---
    ✨ Follow-up Questions
    • ⤷ How do I determine the current rating for a 0000-R resistor based on its package size?
    • ⤷ What is the difference between a Zero-Ohm resistor and a simple copper trace?
    • ⤷ How is the '-R' suffix interpreted by major manufacturers like Yageo or Vishay?