0-212-R
AI

The part number **0-212-R** typically refers to a specialized electronic component, most commonly associated with **industrial encoders** (such as those from Dynapar or Hengstler) or specific **precision resistors**.
Below is a breakdown of the technical aspects typically associated with this part series.
---
### 1. Technical Specifications
Depending on the manufacturer, the "0-212-R" designation usually points to a high-precision rotary encoder component or a power resistor.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Optical Encoder / Precision Resistor |
| **Interface** | TTL / Push-Pull / Analog (depending on sub-model) |
| **Mounting Style** | Surface Mount or Chassis Mount |
| **RoHS Status** | Compliant (indicated by the **-R** suffix) |
| **Operating Temp** | -40°C to +85°C (standard industrial range) |
---
### 2. Common Applications
These parts are engineered for reliability in environments where precision is critical.
* **Motor Feedback:** Used to provide position and speed data to motor controllers.
* **Factory Automation:** Integrated into conveyor systems and robotic arms.
* **Medical Equipment:** Found in imaging devices or precision fluid pumps.
* **Power Supplies:** If categorized as a resistor, used for current sensing or voltage division.
---
### 3. Decoding the Part Number
In electronic nomenclature, suffixes often provide critical information:
* **0-212:** The base model or series number defining the physical dimensions and core electrical properties.
* **-R:** Generally signifies **RoHS Compliance** (Lead-free) or, in some catalogs, **Reverse Rotation/Polarity**.
---
### 4. Implementation Example
If using this part in a digital circuit (assuming an encoder output), the wiring logic often follows this standard block:
```cpp
// Example: Reading pulses from an incremental encoder part
const int encoderPinA = 2;
const int encoderPinB = 3;
volatile long pulseCount = 0;
void setup() {
pinMode(encoderPinA, INPUT_PULLUP);
attachInterrupt(digitalPinToInterrupt(encoderPinA), countPulse, RISING);
}
void countPulse() {
pulseCount++;
}
```
- ⤷
Who is the primary manufacturer for the 0-212-R you are referencing?
- ⤷ Is this part being used in a power circuit or a data feedback loop?
- ⤷ Do you need the pinout diagram for a specific package type?