.080P
AI

In the electronics industry, the term **.080P** typically refers to the **pitch** of a connector or a component's lead spacing. The "P" stands for **Pitch**, and the numerical value represents the distance between the centers of two adjacent pins or conductors.
---
### 1. Understanding the Measurement
In engineering specifications, ".080" is an Imperial measurement (inches). To understand its physical size in the global standard (Metric), we convert it:
| Unit | Measurement |
| :--- | :--- |
| **Inches** | 0.080" |
| **Millimeters** | 2.032 mm |
| **Commonly Referred to as** | 2.0 mm Pitch (Approximate) |
---
### 2. Common Components with .080P
While **2.54mm (0.100")** is the most common standard for breadboards, the **2.0mm / .080"** pitch is widely used in compact electronics where space is limited but high reliability is required.
#### A. Pin Headers and Receptacles
* Used to connect two PCBs (Printed Circuit Boards) together.
* Found in smaller microcontrollers (like some XBee modules or specialized sensors).
#### B. JST and Molex Connectors
* Many **Wire-to-Board** connectors use a 2.0mm (.080") pitch to balance current-carrying capacity with a small footprint.
* Common examples include the **JST-PH series**.
#### C. FFC/FPC (Flexible Flat Cables)
* High-density ribbon cables often use smaller pitches, but 2.0mm (.080") is standard for industrial-grade flexible connections.
---
### 3. Comparison with Other Standards
It is crucial to distinguish .080P from its "neighbors" to avoid fitment issues:
| Pitch Type | Measurement (Inches) | Measurement (mm) | Usage |
| :--- | :--- | :--- | :--- |
| **.050P** | 0.050" | 1.27 mm | Half-pitch headers |
| **.080P** | **0.080"** | **2.032 mm** | **Compact connectors (JST PH)** |
| **.100P** | 0.100" | 2.54 mm | Standard Breadboard/Arduino |
---
### 4. Why use .080P?
1. **Space Efficiency:** It is roughly 20% smaller than the standard 0.1" pitch, allowing for more pins in a smaller area.
2. **Vibration Resistance:** Connectors in this size often feature locking ramps (like the JST-PH), making them better for drones or automotive electronics than standard loose headers.
3. **Standardization:** It is the go-to size for internal battery connections in many consumer electronics (laptops, portable speakers).
---
### Technical Note on Suffixes
If you see ".080P" on a datasheet, ensure you check if it refers to:
* **Row-to-Row Spacing:** The distance between two rows of pins.
* **Pin-to-Pin Spacing:** The distance between pins in the same row (the most common meaning).
- ⤷
What are the most common brands that manufacture .080P or 2.0mm connectors?
- ⤷ Can I use a 2.0mm connector on a standard 2.54mm breadboard?
- ⤷ How do I measure the pitch of an unknown connector using a caliper?