-R-E1-R
AI

The designation **R-E1-R** typically refers to a specific configuration of resistors or a part number in a passive component network. In most engineering contexts, this notation describes a **Resistor-Resistor** bridge or a specific resistance value code.
### 1. Decoding the Notation
Depending on the manufacturer, the characters signify the following:
| Part Segment | Meaning | Technical Description |
| :--- | :--- | :--- |
| **R** | Component Type | Indicates a **Resistor**. |
| **E1** | Value/Series | Often refers to a resistance value (e.g., 0.1 $\Omega$ or 1 $\Omega$) or the **E-series** of preferred numbers (E24, E96). |
| **R** | Tolerance/Type | Can indicate the unit (Ohms) or a specific package style (e.g., Radial or Rectangular). |
---
### 2. Common Applications
Parts labeled with this type of nomenclature are generally found in the following electronic circuits:
1. **Voltage Dividers:** Used to step down voltage by placing two resistors in series.
2. **Current Sensing:** Low-resistance versions (where E1 represents a fraction of an Ohm) are used to measure current flow in power supplies.
3. **Terminators:** Used in high-speed data lines to prevent signal reflection.
### 3. Technical Specifications
When selecting an "R" series component, engineers look at these four critical parameters:
* **Resistance ($\Omega$):** The opposition to current flow.
* **Tolerance ($\pm\%$):** How much the actual resistance varies from the nominal value (typically 1% or 5%).
* **Power Rating (W):** The maximum heat the part can dissipate before failing (e.g., 1/4W, 1/2W).
* **Temperature Coefficient (TCR):** How much the resistance changes as the temperature rises.
---
### 4. Visual Identification (SMD vs. Through-Hole)
| Type | Appearance | Identification |
| :--- | :--- | :--- |
| **SMD (Surface Mount)** | Small black rectangles | Numeric codes (e.g., 102 for 1k$\Omega$). |
| **Through-Hole** | Cylindrical with wire leads | Color-coded bands. |
- ⤷
What is the specific resistance value for E1 in the E-series standard?
- ⤷ How do I calculate the power rating needed for this resistor?
- ⤷ Is R-E1-R a part of a specific manufacturer's catalog like Vishay or Yageo?