công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -DCB-R

  • AI
    The term **DCB-R** (Direct Copper Bonded - Reinforced) refers to a specialized substrate technology used primarily in high-power electronics. It is an evolution of standard DCB (Direct Copper Bonding) substrates, designed to handle extreme thermal stress and high current densities. --- ### 1. Structure and Composition A DCB-R substrate consists of a ceramic core sandwiched between two layers of copper. The "Reinforced" aspect usually refers to specific mechanical or structural enhancements to prevent cracking during thermal cycling. | Layer | Material | Function | | :--- | :--- | :--- | | **Top Copper Layer** | Electrolytic Tough Pitch (ETP) Copper | High conductivity path for power components (IGBTs, MOSFETs). | | **Ceramic Core** | Alumina ($Al_2O_3$) or Aluminum Nitride ($AlN$) | Provides electrical insulation while allowing heat to pass through. | | **Bottom Copper Layer** | ETP Copper | Attaches to the heat sink; balances the mechanical stress of the top layer. | --- ### 2. Key Technical Features DCB-R is chosen for power modules because of its unique physical properties: * **High Thermal Conductivity:** Allows heat generated by power chips to dissipate rapidly into the cooling system. * **Thermal Expansion Matching:** The ceramic core has a Coefficient of Thermal Expansion (CTE) similar to Silicon, reducing the stress on solder joints. * **High Insulation:** Provides high breakdown voltage (often > 3kV), which is critical for high-voltage industrial applications. * **Reinforcement:** DCB-R variants often include dimples or specific "stress-relief" patterns in the copper to prevent the ceramic from cracking under rapid temperature changes. --- ### 3. Common Applications These parts are found in environments where standard PCBs would melt or fail due to high current. 1. **Power Modules:** IGBT and MOSFET modules for motor drives. 2. **Renewable Energy:** Inverters for solar panels and wind turbine converters. 3. **Automotive:** EV/HEV traction inverters and onboard chargers. 4. **Industrial:** Solid-state relays and high-power welding equipment. --- ### 4. Comparison: DCB vs. AMB While DCB-R is common, it is often compared to **AMB** (Active Metal Brazing) for high-end applications: | Feature | DCB-R (Direct Copper Bond) | AMB (Active Metal Brazing) | | :--- | :--- | :--- | | **Bonding Method** | Eutectic melting (Copper + Oxygen) | Brazing alloy (Ti, Zr) | | **Thermal Cycling** | Good | Excellent (higher reliability) | | **Cost** | Cost-effective | More expensive | | **Main Ceramic** | Alumina ($Al_2O_3$) | Silicon Nitride ($Si_3N_4$) |
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using Alumina versus Aluminum Nitride in DCB-R substrates?
    • ⤷ How does the reinforcement in DCB-R prevent ceramic cracking during thermal cycling?
    • ⤷ Which soldering techniques are best suited for attaching components to DCB-R copper layers?