công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -A14V1-R

  • AI
    The **A14V1-R** is a specific model number primarily associated with **Asus Laptop Motherboards** (specifically for the Asus Vivobook and X-series laptops). This motherboard is designed as an entry-level to mid-range logic board, often featuring integrated components to maintain a slim profile. Below is a breakdown of the electronic components and technical specifications typically found on the A14V1-R. --- ### 1. Core Processing Components The A14V1-R is a "System on Chip" (SoC) design, meaning the CPU and often the GPU are soldered directly to the board. | Component | Description | | :--- | :--- | | **CPU (Processor)** | Usually features Intel Celeron, Pentium, or Core i3/i5 (Ice Lake or Tiger Lake generations). | | **GPU (Graphics)** | Integrated Intel UHD or Iris Xe Graphics. Some revisions may feature an entry-level NVIDIA MX discrete chip. | | **PCH** | Integrated into the main CPU package to manage I/O operations. | --- ### 2. Memory and Storage Architecture The board layout is optimized for space, which affects how you can upgrade the device. * **RAM (Memory):** * Typically features **Onboard RAM** (chips soldered directly to the PCB). * Usually includes **one SODIMM slot** for expansion, allowing for a "Fixed + Removable" configuration. * **Storage Interfaces:** * **M.2 Slot:** Supports NVMe PCIe Gen 3x4 SSDs. * **SATA Connector:** Often includes a ribbon cable header for a 2.5-inch HDD/SSD. --- ### 3. Power Management & Charging The power circuitry on the A14V1-R is responsible for converting the DC input to various system voltages (Rail voltages). * **Charging IC:** Often uses the **BQ series** (e.g., BQ24780S) to manage battery charging and switching between AC and Battery power. * **MOSFETs:** Standard N-Channel MOSFETs are used for the primary power rail (usually 19V). * **PWM Controllers:** Generate the 3.3V (Always-on) and 5V rails required for the laptop to start. --- ### 4. Connectivity Ports (I/O) The "R" in the revision often signifies specific layout changes for the side-access ports: * **USB:** Mix of USB 3.2 Gen 1 and USB 2.0 Type-A ports. * **Video Out:** One HDMI 1.4 port. * **Data/Power:** One USB-C port (usually data only, no Power Delivery). * **Audio:** Realtek High Definition Audio Codec with a 3.5mm combo jack. --- ### 5. Common Repair Points Technicians working on the A14V1-R frequently encounter these electronic issues: 1. **BIOS Chip:** An 8-pin SPI Flash chip (Winbond or Macronix). Corrupted BIOS is a common cause of "No Power/Black Screen" on this board. 2. **Keyboard Controller (EC/KBC):** Usually an **ITE series** (e.g., IT8225E). This chip manages the power sequence, keyboard matrix, and touchpad. 3. **DC Jack:** Often a modular cable or a soldered reinforced jack that can fail due to physical stress. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum RAM capacity supported by the A14V1-R motherboard?
    • ⤷ How do I identify a blown MOSFET on this specific board?
    • ⤷ Where can I download the schematic or boardview for the A14V1-R?