công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -6CA-R

  • AI
    The term **6CA-R** typically refers to a specific series of **Current Sensors** (often Hall Effect sensors) manufactured by companies like **Tamura**. These components are critical for monitoring electrical current in power electronics. --- ### 1. Technical Overview The 6CA-R series consists of **Closed-Loop (Compensating) Hall Effect Current Sensors**. These devices measure both DC and AC currents with high accuracy by neutralizing the magnetic field generated by the primary current. | Feature | Specification (Typical) | | :--- | :--- | | **Measurement Type** | Closed-loop Hall Effect | | **Input Current Range** | 6A to 150A (depending on sub-model) | | **Output Type** | Current output (mA) | | **Supply Voltage** | Dual supply (typically ±12V to ±15V) | | **Accuracy** | High linearity, low temperature drift | | **Response Time** | Fast (< 1 microsecond) | --- ### 2. Internal Components & Structure The device is not a single "part" but a module containing several electronic stages: 1. **Magnetic Core:** A soft magnetic toroid that surrounds the primary conductor. 2. **Hall Element:** A semiconductor sensor placed in the gap of the core to detect magnetic flux. 3. **Secondary Coil:** A winding around the core that carries a compensation current. 4. **Operational Amplifier:** An internal circuit that drives the secondary coil to maintain "zero flux" in the core. --- ### 3. Pinout and Connection While specific models vary, the standard 6CA-R footprint usually includes: * **+Vcc / -Vcc:** Power supply pins. * **OUT / M:** Measurement output terminal (connected to a burden resistor to convert current to voltage). * **GND:** Common ground reference. --- ### 4. Key Applications These parts are widely used where precision and isolation are required: * **Variable Speed Drives:** Monitoring motor phase currents. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load balancing. * **Photovoltaic Inverters:** Tracking DC input from solar panels. * **Welding Equipment:** Controlling high-current output. --- ### 5. Benefits of the "R" Series The "R" suffix in many sensor catalogs (including Tamura’s) often denotes **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or mercury, making it suitable for modern environmental standards.
    ✨ Follow-up Questions
    • ⤷How do I calculate the burden resistor for a 6CA-R sensor?
    • ⤷ What is the difference between open-loop and closed-loop current sensors?
    • ⤷ Can a 6CA-R sensor measure both AC and DC simultaneously?