công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -555-R

  • AI
    The **555-R** (commonly referred to as the **555 Timer IC**) is one of the most versatile and widely used integrated circuits in electronics. While the "R" suffix often indicates specific manufacturer variations or packaging (like "Retriggerable" or specific surface-mount reels), the core functionality remains consistent across the 555 family. --- ### 1. Key Internal Components The 555 timer is essentially a mix of analog and digital circuitry. Internally, it contains: | Component | Quantity | Purpose | | :--- | :---: | :--- | | **Resistors** | 3 | Three 5kΩ resistors create a voltage divider (giving the chip its name). | | **Comparators** | 2 | Compare input voltages against the internal reference levels ($1/3$ and $2/3$ of $V_{CC}$). | | **Flip-Flop** | 1 | An SR (Set-Reset) flip-flop that stores the state (high or low). | | **Discharge Transistor** | 1 | An NPN transistor used to drain an external capacitor. | | **Output Stage** | 1 | An inverter buffer capable of sourcing or sinking up to 200mA. | --- ### 2. Pin Configuration (8-Pin Layout) To understand how the 555-R functions, you must know the role of each pin: 1. **GND (Ground):** The 0V reference. 2. **Trigger:** Starts the timing cycle when voltage drops below $1/3$ $V_{CC}$. 3. **Output:** Where the square wave or pulse is delivered. 4. **Reset:** Clears the timer; must be connected to $V_{CC}$ if not used. 5. **Control Voltage:** Allows external access to the $2/3$ $V_{CC}$ divider point. 6. **Threshold:** Ends the timing cycle when voltage rises above $2/3$ $V_{CC}$. 7. **Discharge:** Used to discharge the timing capacitor to ground. 8. **Vcc:** Power supply (typically 4.5V to 15V). --- ### 3. Operating Modes The 555-R is used in three primary configurations: #### A. Astable Mode (Free-running) The circuit oscillates on its own, producing a continuous square wave. * **Use Case:** LED flashers, clock pulse generation, tone generation. #### B. Monostable Mode (One-shot) The circuit produces a single output pulse of a specific duration when triggered. * **Use Case:** Timers, touch switches, frequency dividers. #### C. Bistable Mode (Schmitt Trigger) The circuit acts as a flip-flop; it stays in one state until an external signal forces it to change. * **Use Case:** Latched switches, bounce-free buttons. --- ### 4. Technical Specifications Typical values for a standard bipolar 555-R: ```yaml Supply Voltage (Vcc): 4.5V to 16V Maximum Output Current: 200mA Power Dissipation: 600mW Temperature Range: 0°C to 70°C (Standard) Timing: Microseconds to Hours ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Bipolar 555 and the CMOS (7555) version?
    • ⤷ How do you calculate the frequency of a 555 timer in astable mode?
    • ⤷ Can a 555 timer be used for PWM (Pulse Width Modulation) control?