công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -5122-R

  • AI
    The part number **5122-R** commonly refers to a specific series of high-quality **Binding Posts** or **Banana Jacks** manufactured by companies like **Pomona Electronics** or **Keystone Electronics**. These are mechanical-electronic components used to establish electrical connections. --- ### 1. General Specifications The 5122-R is typically a red-coded (indicated by the "-R") terminal used for chassis mounting. | Feature | Description | | :--- | :--- | | **Component Type** | Binding Post / Banana Jack | | **Color** | Red (Standard for Positive/Hot signals) | | **Material** | Usually Brass with Gold or Tin plating | | **Insulation** | Polycarbonate or Nylon | | **Current Rating** | Typically 15A to 30A (depending on manufacturer) | | **Voltage Rating** | Hand-held: 30VAC/60VDC; Fixed: Up to 1000V | --- ### 2. Physical Design and Connectivity The "5122-R" design is versatile, allowing for multiple types of connections simultaneously: * **Banana Plug:** Accepts a standard 4mm banana plug in the top center. * **Wire Wrap:** A hole in the threaded post allows for bare wire insertion, which is then secured by tightening the plastic cap. * **Spade Lug:** The flat base of the cap can secure spade terminals. * **Alligator Clips:** The external metal surface is accessible for clipping. --- ### 3. Key Components The part usually consists of the following sub-assembly: 1. **Threaded Post:** The main conductive path. 2. **Insulated Cap:** The colored (red) plastic screw-top. 3. **Mounting Washers:** Non-conductive rings to isolate the post from a metal chassis. 4. **Solder Turret/Nut:** Located at the bottom (inside the device) for internal wiring. --- ### 4. Common Applications * **Power Supplies:** Used as the output terminals for DC bench power supplies. * **Audio Equipment:** Used as speaker terminals in high-fidelity amplifiers. * **Test Fixtures:** Built into custom PCB enclosures for easy probing. * **Educational Kits:** Standardized connectors for physics and electronics labs. ---
    ✨ Follow-up Questions
    • ⤷ What are the mechanical mounting dimensions for the 5122-R terminal?
    • ⤷ What is the difference between the 5122-R and the 5122-B model?
    • ⤷ Is this part compliant with RoHS environmental standards?