AI

The **4D1-R1** refers to a specific configuration of a **4-Digit, 7-Segment LED Display module**. These components are widely used in electronics for displaying numerical data such as clock times, temperatures, or sensor readings.
---
## 1. Technical Specifications
The "4D1" generally indicates "4 Digits," and the "R1" often specifies the color (Red) and the revision or wiring configuration.
| Feature | Typical Specification |
| :--- | :--- |
| **Digit Count** | 4 Digits |
| **Display Color** | Red (R1) |
| **Circuit Type** | Common Cathode or Common Anode |
| **Forward Voltage** | 1.8V to 2.2V per segment |
| **Forward Current** | 10mA - 20mA |
| **Pin Count** | 12 Pins (usually) |
---
## 2. Internal Structure
Each digit consists of 7 individual LED segments (labeled **a** through **g**) and a decimal point (**DP**).
### How it works:
* **Multiplexing:** Instead of having 32 separate pins for 4 digits (8 segments × 4), the module shares the segment pins (a-g) across all digits.
* **Common Pins:** There are 4 "Digit Select" pins. To display a number, you cycle through the digits very fast (multiplexing) so the human eye perceives all four digits as being "on" simultaneously.
---
## 3. Pinout Configuration
A standard 12-pin 4D1-R1 module typically follows this layout:
| Pin Number | Function |
| :--- | :--- |
| 1, 2, 3, 4 | Digit Select (Digit 1, 2, 3, 4) |
| 5 - 11 | Segment Controls (a, b, c, d, e, f, g) |
| 12 | Decimal Point (DP) |
---
## 4. Example Wiring (Arduino)
To use this with a microcontroller, you must use current-limiting resistors (220Ω) on the segment pins to prevent burning out the LEDs.
```cpp
// Example: Defining pins for a Common Cathode 4D1-R1
int digitPins[] = {2, 3, 4, 5}; // Pins connected to D1, D2, D3, D4
int segmentPins[] = {6, 7, 8, 9, 10, 11, 12}; // a, b, c, d, e, f, g
void setup() {
for(int i=0; i<4; i++) pinMode(digitPins[i], OUTPUT);
for(int i=0; i<7; i++) pinMode(segmentPins[i], OUTPUT);
}
```
---
## 5. Key Use Cases
* **Digital Clocks:** Displaying HH:MM.
* **Counters:** Industrial piece counters or timers.
* **Voltmeters:** Displaying voltage levels (e.g., 12.0V).
* **Temperature Displays:** Showing sensor data in real-time.
- ⤷
How do I determine if my 4D1-R1 is Common Anode or Common Cathode?
- ⤷ What is the best way to code multiplexing for this display?
- ⤷ Which resistors are recommended for a 5V power supply?