công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -4AD-R

  • AI
    The **-4AD-R** suffix typically refers to an analog input expansion module used in industrial automation, most commonly associated with **Delta Electronics (DVP Series)** or similar PLC architectures. This specific module is designed to convert external analog signals into digital data that the PLC can process. --- ### 1. Key Technical Specifications The "-4AD" signifies **4 Channels of Analog-to-Digital** conversion, and the "-R" suffix often indicates compatibility with specific bus series or relay-type output units in broader configurations. | Feature | Specification (Typical) | | :--- | :--- | | **Input Channels** | 4 Channels | | **Input Signal Types** | Voltage (-10V ~ +10V) or Current (-20mA ~ +20mA) | | **Resolution** | 14-bit (Voltage) / 13-bit (Current) | | **Conversion Time** | 2ms per channel | | **Isolation** | Opto-isolator between digital and analog circuits | | **Power Supply** | 24V DC (+15% / -10%) | --- ### 2. Core Electronic Components Inside a -4AD-R module, the circuitry is divided into several functional blocks: #### A. Analog Input Stage * **Terminal Blocks:** Physical connection points for sensors (Pressure, Temperature, Flow). * **Precision Resistors:** Used to convert current signals (mA) into voltage signals that the internal chips can read. * **Operational Amplifiers (Op-Amps):** Used for signal conditioning, buffering, and scaling. #### B. Conversion & Processing * **A/D Converter (ADC):** The "heart" of the module. It samples the continuous analog voltage and translates it into binary code. * **Microprocessor/Logic Controller:** Manages the communication between the ADC and the main PLC CPU. #### C. Safety & Protection * **Optocouplers:** Provide galvanic isolation to protect the PLC’s internal CPU from high-voltage spikes on the analog input side. * **Surge Absorbers:** Protect against electrostatic discharge (ESD) and line noise. --- ### 3. Connection Example To read a sensor, the wiring typically follows this logic: ```c // Pseudo-logic for reading from a -4AD module // Channel 1: 0-10V Input // Digital Range: 0 - 32000 If (Analog_Input_CH1 > 16000) { Activate_Cooling_Fan(); } ``` --- ### 4. Common Applications 1. **Temperature Monitoring:** Connecting PT100 transmitters or Thermocouples. 2. **Pressure Control:** Reading signals from hydraulic or pneumatic transducers. 3. **Speed Control:** Receiving feedback from frequency inverters (VFDs). 4. **Level Sensing:** Monitoring tank levels via 4-20mA ultrasonic sensors.
    ✨ Follow-up Questions
    • ⤷ How do I configure the DVP-04AD-R for current (4-20mA) instead of voltage?
    • ⤷ What is the difference between a -4AD and a -4DA module?
    • ⤷ How do I troubleshoot a 'Hardware Error' on a Delta 4AD module?