công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -42P6-R

  • AI
    Based on your query, the part number **42P6-R** is most commonly associated with **Molex** connectors, specifically within the **Standard .093" Pin and Socket** power connector series. Below is a detailed breakdown of the electronic specifications and characteristics of this component. --- ## 1. Component Overview The 42P6-R is a power connector housing designed for wire-to-wire or wire-to-board applications. It is widely used in power supplies, consumer electronics, and automotive lighting due to its durability and high current capacity. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Receptacle Housing | | **Number of Positions** | 6 Circuits (arranged in 2 rows) | | **Pitch (Spacing)** | 5.03mm (0.198") | | **Material** | Nylon (Polyamide), UL 94V-2 rated | | **Current Rating** | Up to 12A (depending on wire gauge) | | **Voltage Rating** | 600V AC/DC | | **Operating Temp** | -40°C to +105°C | --- ## 2. Structural Features * **Polarization:** The housing features unique shapes for each cavity to ensure that the male and female parts can only be connected in the correct orientation. * **Positive Locking:** It typically includes integrated locking ramps or tabs to prevent accidental disconnection caused by vibration or pulling. * **Panel Mount:** Some variants of this shell include "ears" that allow the connector to be snapped into a rectangular cutout in a metal or plastic panel. --- ## 3. Terminal Compatibility The **42P6-R** is the "housing" only. To complete the assembly, you must purchase crimp terminals separately. ### Compatible Terminals * **Standard .093" Diameter Pins:** Used in the "Plug" housing. * **Standard .093" Diameter Sockets:** Used in this "Receptacle" housing. * **Wire Gauge Range:** Usually supports 14 AWG to 24 AWG depending on the specific terminal used. --- ## 4. Common Applications 1. **PC Power Supplies:** Older ATX or peripheral power cables. 2. **Home Appliances:** Washing machines and microwave internal wiring. 3. **Vending Machines:** Modular power distribution. 4. **Gaming/Arcade Equipment:** Coin-op machine harnesses. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminal part numbers for the 42P6-R housing?
    • ⤷ Does the 42P6-R come with panel mounting ears as standard?
    • ⤷ What is the difference between the 42P6-R receptacle and the matching plug housing?