công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -3C7-R

  • AI
    The part number **3C7-R** typically refers to a **high-voltage ceramic capacitor**, specifically in the context of safety-rated capacitors or high-capacitance ceramic components used in power supplies. Below is a detailed breakdown of the technical specifications, characteristics, and common applications for this component. --- ### 1. Technical Specifications The "3C7" designation often follows a specific industry nomenclature for ceramic dielectric materials and voltage ratings. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) or Disc Ceramic | | **Dielectric Material** | Class II (X7R or Y5P equivalent) | | **Capacitance Value** | Varies by manufacturer (often 0.001µF to 0.1µF) | | **Voltage Rating** | High Voltage (typically 1kV to 3kV DC) | | **Tolerance** | ±10% (K) or ±20% (M) | | **Operating Temp** | -55°C to +125°C | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | --- ### 2. Breakdown of the Part Number While nomenclature can vary slightly between manufacturers (such as Murata, TDK, or Vishay), the code generally breaks down as follows: 1. **3C**: Usually represents the **Temperature Coefficient** or the specific dielectric class. In many systems, "3C" corresponds to a stable ceramic material that allows for high capacitance in a small volume. 2. **7**: Often a multiplier or a code for the **Voltage Rating**. In many high-voltage series, '7' denotes a 3000V (3kV) rating. 3. **-R**: Strictly stands for **RoHS Compliant**. This confirms the part is lead-free and meets environmental safety standards. --- ### 3. Key Characteristics * **High Stability:** Designed to handle voltage spikes without significant degradation of the dielectric material. * **Low Dissipation Factor:** Efficient energy storage with minimal heat loss. * **Safety Standards:** If used in AC line filtering, these are often built to Y1/Y2 or X1/X2 safety standards to prevent electrical fire or shock in the event of a failure. --- ### 4. Common Applications These parts are essential in circuits where high voltage and reliability are required: * **Switching Power Supplies (SMPS):** Used for snubber circuits to protect MOSFETs from high-voltage transients. * **Lighting Ballasts:** Used in LED drivers and fluorescent ballasts for filtering. * **DC-DC Converters:** Voltage blocking and decoupling in high-voltage rails. * **Inverters:** Common in solar power and motor drive systems. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer datasheet are you referencing for this specific part number?
    • ⤷ Do you need help calculating the voltage derating for this capacitor in a specific circuit?
    • ⤷ Are you looking for an equivalent replacement for a 3C7-R capacitor?