công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -2Z1Z1-R

  • AI
    Based on technical specifications, the suffix **-2Z1Z1-R** typically refers to a specific configuration used in electronic components, most commonly found in **limit switches**, **sensors**, or **modular electrical enclosures** (such as those from brands like Bernstein AG). ### Breakdown of the Model Code | Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **-2Z** | Contact Configuration | Indicates two "Snap-action" contacts (Z indicates snap-action). | | **1Z** | Contact Type 1 | One Normally Open (NO) / Normally Closed (NC) changeover contact. | | **1Z** | Contact Type 2 | A second Normally Open (NO) / Normally Closed (NC) changeover contact. | | **-R** | Housing/Special Feature | Often stands for "Roller" (actuator type) or "Right-side" orientation. | --- ### Common Technical Specifications If this code refers to a standard **Limit Switch** (e.g., Bernstein i88 or similar industrial series), the electrical characteristics are generally as follows: 1. **Switching Function**: Snap action (high-speed transition regardless of actuator speed). 2. **Contact Material**: Silver (Ag) or Gold-plated contacts for low-voltage signals. 3. **Rated Insulation Voltage ($U_i$)**: Usually up to 250V AC. 4. **Thermal Current ($I_{the}$)**: Typically 10A. 5. **Protection Class**: Often IP65 or IP67 (Dust-tight and water-resistant). ### Circuit Logic Example In a **2Z1Z1** configuration, the device acts as a double-pole double-throw (DPDT) system. ```mermaid graph LR Input1 -->|Snap| Output_NC1 Input1 -->|Snap| Output_NO1 Input2 -->|Snap| Output_NC2 Input2 -->|Snap| Output_NO2 ``` --- ### Applications * **Safety Interlocks**: Detecting if a machine guard is closed. * **Position Sensing**: Monitoring the end-of-travel on a conveyor belt. * **Industrial Automation**: Providing feedback to a PLC (Programmable Logic Controller) about mechanical movements. ---
    ✨ Follow-up Questions
    • ⤷Which specific manufacturer does your -2Z1Z1-R part belong to?
    • ⤷ Do you need the wiring diagram for this specific contact configuration?
    • ⤷ Are you looking for a direct replacement or a data sheet for this part?