công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • -072-R22

  • AI
    The part number **072-R22** typically refers to a specific type of passive electronic component, most commonly a **Surface Mount Device (SMD) Power Inductor**. In the world of electronics, part numbers are often structured to define the physical size and the electrical value. Here is a breakdown of what this part represents: ### 1. Component Breakdown The alphanumeric code can be decoded as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **072** | **Size/Series** | Refers to the physical dimensions (often 7.0mm x 7.0mm or similar series). | | **R22** | **Inductance Value** | "R" acts as a decimal point. **0.22 microhenries (µH)**. | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Sumida, Vishay, or Bourns), a "072-R22" inductor generally shares these characteristics: * **Inductance:** 0.22 µH. * **Tolerance:** Usually ±20% or ±30%. * **Current Rating:** High saturation current (Isat), typically ranging from 10A to 30A depending on the specific series. * **DCR (DC Resistance):** Very low, often in the range of 1mΩ to 5mΩ to minimize power loss. * **Construction:** Shielded construction to reduce Electromagnetic Interference (EMI). --- ### 3. Applications These components are critical in power management circuits. You will find them in: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) regulators. 2. **Voltage Regulator Modules (VRMs):** Common in motherboards and graphics cards to provide stable power to CPUs/GPUs. 3. **Battery Powered Devices:** Used in smartphones and tablets due to their high efficiency and small footprint. 4. **Filtering:** Used to smooth out high-frequency noise in power supply lines. --- ### 4. Identification Tips * **Appearance:** Usually a small, grey or black square metallic block with two solder pads on the bottom. * **Marking:** The top of the component is often laser-etched with "R22" or "072".
    ✨ Follow-up Questions
    • ⤷What is the difference between a shielded and unshielded inductor?
    • ⤷ How do I calculate the ripple current for a 0.22uH inductor?
    • ⤷ Can I replace an R22 inductor with an R47 if I don't have the exact part?