| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F76 bảng dữ liệu(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F76 bảng dữ liệu(HTML) 112 Page - Microchip Technology |
|
112 / 174 page ![]() PIC16F7X DS30325B-page 110 2002 Microchip Technology Inc. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) → (destination) Status Affected: Z Description: The contents of register f are moved to a destination dependant upon the status of d. If d = 0, destination is W register. If d = 1, the destination is file register f itself. d = 1 is useful to test a file register, since status flag Z is affected. MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W) Status Affected: None Description: The eight-bit literal ’k’ is loaded into W register. The don’t cares will assemble as 0’s. MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 ≤ f ≤ 127 Operation: (W) → (f) Status Affected: None Description: Move data from W register to register 'f'. NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. RETFIE Return from Interrupt Syntax: [ label ] RETFIE Operands: None Operation: TOS → PC, 1 → GIE Status Affected: None RETLW Return with Literal in W Syntax: [ label ] RETLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W); TOS → PC Status Affected: None Description: The W register is loaded with the eight-bit literal 'k'. The program counter is loaded from the top of the stack (the return address). This is a two-cycle instruction. |