| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F120JR1Q7 bảng dữ liệu(PDF) 283 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120JR1Q7 bảng dữ liệu(HTML) 283 Page - STMicroelectronics |
|
283 / 324 page ![]() 283/324 EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D) ANALOG TO DIGITAL CONVERTER (Cont’d) 10.9.4 Register Description DATA REGISTERS (DiR) The conversion results for the 8 available chan- nels are loaded into the 8 Data registers following conversion of the corresponding analog input. CHANNEL 0 DATA REGISTER (D0R) R240 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D0.[7:0]: Channel 0 Data. CHANNEL 1 DATA REGISTER (D1R) R241 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D1.[7:0]: Channel 1 Data. CHANNEL 2 DATA REGISTER (D2R) R242 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D2.[7:0]: Channel 2 Data. CHANNEL 3 DATA REGISTER (D3R) R243 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D3.[7:0]: Channel 3 Data. CHANNEL 4 DATA REGISTER (D4R) R244 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D4.[7:0]: Channel 4 Data CHANNEL 5 DATA REGISTER (D5R) R245 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D5.[7:0]: Channel 5 Data. CHANNEL 6 DATA REGISTER (D6R) R246 - Read/Write Register Page: 63 Reset Value: undefined Bit 7:0 = D6.[7:0]: Channel 6 Data CHANNEL 7 DATA REGISTER (D7R) R247 - Read/Write Register Page: 63 Reset Value: undefined 70 D0.7 D0.6 D0.5 D0.4 D0.3 D0.2 D0.1 D0.0 70 D1.7 D1.6 D1.5 D1.4 D1.3 D1.2 D1.1 D1.0 70 D2.7 D2.6 D2.5 D2.4 D2.3 D2.2 D2.1 D2.0 70 D3.7 D3.6 D3.5 D3.4 D3.3 D3.2 D3.1 D3.0 70 D4.7 D4.6 D4.5 D4.4 D4.3 D4.2 D4.1 D4.0 70 D5.7 D5.6 D5.5 D5.4 D5.3 D5.2 D5.1 D5.0 70 D6.7 D6.6 D6.5 D6.4 D6.3 D6.2 D6.1 D6.0 70 D7.7 D7.6 D7.5 D7.4 D7.3 D7.2 D7.1 D7.0 9 |