| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F120JR1Q7 bảng dữ liệu(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120JR1Q7 bảng dữ liệu(HTML) 180 Page - STMicroelectronics |
|
180 / 324 page ![]() 180/324 MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (SCI-M) MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (Cont’d) 10.5.3 Functional Description The SCI-M has four operating modes: – Asynchronous mode – Asynchronous mode with synchronous clock – Serial expansion mode – Synchronous mode Asynchronous mode, Asynchronous mode with synchronous clock and Serial expansion mode output data with the same serial frame format. The differences lie in the data sampling clock rates (1X, 16X) and in the protocol used. Figure 89. SCI -M Functional Schematic Note: Some pins may not be available on some devices. Refer to the device Pinout Description. Divider by 16 1 0 1 0 Divider by 16 CD CD The control signals marked with (*) are active only in synchronous mode (SMEN=1) Polarity Polarity TXclk / CLKout RX shift register TX buffer register TX shift register RTSEN (*) Enveloper AEN (*) OUTSB (*) Sout AEN RX buffer register Baud rate generator RXclk OCKSB (*) LBEN (*) INTCLK XBRG AEN (*) OCLK XTCLK DCDEN (*) DCD RTS Sin INPL (*) LBEN OUTPL (*) INPEN (*) OCKPL (*) XRX OCLK VR02054 9 |