công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92F120V9 bảng dữ liệu(PDF) 283 Page - STMicroelectronics

tên linh kiện ST92F120V9
Giải thích chi tiết về linh kiện  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 bảng dữ liệu(HTML) 283 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 279Page - STMicroelectronics ST92F120V9 Datasheet HTML 280Page - STMicroelectronics ST92F120V9 Datasheet HTML 281Page - STMicroelectronics ST92F120V9 Datasheet HTML 282Page - STMicroelectronics ST92F120V9 Datasheet HTML 283Page - STMicroelectronics ST92F120V9 Datasheet HTML 284Page - STMicroelectronics ST92F120V9 Datasheet HTML 285Page - STMicroelectronics ST92F120V9 Datasheet HTML 286Page - STMicroelectronics ST92F120V9 Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 324 page
background image
283/324
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
10.9.4 Register Description
DATA REGISTERS (DiR)
The conversion results for the 8 available chan-
nels are loaded into the 8 Data registers following
conversion of the corresponding analog input.
CHANNEL 0 DATA REGISTER (D0R)
R240 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D0.[7:0]:
Channel 0 Data.
CHANNEL 1 DATA REGISTER (D1R)
R241 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D1.[7:0]:
Channel 1 Data.
CHANNEL 2 DATA REGISTER (D2R)
R242 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D2.[7:0]:
Channel 2 Data.
CHANNEL 3 DATA REGISTER (D3R)
R243 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D3.[7:0]:
Channel 3 Data.
CHANNEL 4 DATA REGISTER (D4R)
R244 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D4.[7:0]:
Channel 4 Data
CHANNEL 5 DATA REGISTER (D5R)
R245 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D5.[7:0]:
Channel 5 Data.
CHANNEL 6 DATA REGISTER (D6R)
R246 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D6.[7:0]:
Channel 6 Data
CHANNEL 7 DATA REGISTER (D7R)
R247 - Read/Write
Register Page: 63
Reset Value: undefined
70
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
D0.1
D0.0
70
D1.7
D1.6
D1.5
D1.4
D1.3
D1.2
D1.1
D1.0
70
D2.7
D2.6
D2.5
D2.4
D2.3
D2.2
D2.1
D2.0
70
D3.7
D3.6
D3.5
D3.4
D3.3
D3.2
D3.1
D3.0
70
D4.7
D4.6
D4.5
D4.4
D4.3
D4.2
D4.1
D4.0
70
D5.7
D5.6
D5.5
D5.4
D5.3
D5.2
D5.1
D5.0
70
D6.7
D6.6
D6.5
D6.4
D6.3
D6.2
D6.1
D6.0
70
D7.7
D7.6
D7.5
D7.4
D7.3
D7.2
D7.1
D7.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More