công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST92F120V9 bảng dữ liệu(PDF) 108 Page - STMicroelectronics

tên linh kiện ST92F120V9
Giải thích chi tiết về linh kiện  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 bảng dữ liệu(HTML) 108 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 104Page - STMicroelectronics ST92F120V9 Datasheet HTML 105Page - STMicroelectronics ST92F120V9 Datasheet HTML 106Page - STMicroelectronics ST92F120V9 Datasheet HTML 107Page - STMicroelectronics ST92F120V9 Datasheet HTML 108Page - STMicroelectronics ST92F120V9 Datasheet HTML 109Page - STMicroelectronics ST92F120V9 Datasheet HTML 110Page - STMicroelectronics ST92F120V9 Datasheet HTML 111Page - STMicroelectronics ST92F120V9 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 324 page
background image
108/324
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
7.7 STOP MODE
On ST9 devices provided with an external STOP
pin, the Reset/Stop Manager can also stop all os-
cillators without resetting the device.
To enter STOP Mode, the STOP pin must be tied
low. When the STOP pin is tied high again, the
MCU resumes execution of the program after a set
number of CLOCK2 cycles (refer to TSTR in the
Electrical Characteristics section), without losing
the status.
Note: If STOP Mode is entered, the clock is
stopped: hence, also the watchdog counter is
stopped. When the ST9 exits from STOP Mode,
the watchdog counter restarts from where it was
before STOP Mode was entered.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More