công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LED171596ARSLR bảng dữ liệu(PDF) 149 Page - Texas Instruments

tên linh kiện LED171596ARSLR
Giải thích chi tiết về linh kiện  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR bảng dữ liệu(HTML) 149 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 145Page - Texas Instruments LED171596ARSLR Datasheet HTML 146Page - Texas Instruments LED171596ARSLR Datasheet HTML 147Page - Texas Instruments LED171596ARSLR Datasheet HTML 148Page - Texas Instruments LED171596ARSLR Datasheet HTML 149Page - Texas Instruments LED171596ARSLR Datasheet HTML 150Page - Texas Instruments LED171596ARSLR Datasheet HTML 151Page - Texas Instruments LED171596ARSLR Datasheet HTML 152Page - Texas Instruments LED171596ARSLR Datasheet HTML 153Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 149 / 153 page
background image
149
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.3 Thermal Information
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the power
dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are:
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB by soldering the exposed thermal pad
•
Introducing airflow in the system
For more details on how to use the thermal parameters, see Thermal Characteristics of Linear and Logic
Packages Using JEDEC PCB Designs and Semiconductor and IC Package Thermal Metrics.
The LED171596A is designed for a maximum operating junction temperature (TJ) of 125°C. Therefore, the
maximum output power is limited by the power losses that can be dissipated over the actual thermal resistance,
given by the package and the surrounding PCB structures. Because the thermal resistance of the package is
fixed, increasing the size of the surrounding copper area and improving the thermal connection to the device can
reduce the thermal resistance. To get an improved thermal behavior, TI recommends using top-layer metal to
connect the device with wide and thick metal lines. Internal ground layers can connect to vias directly under the
device for improved thermal performance.
If short circuit or overload conditions are present, the device is protected by limiting internal power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More